Electronic Components Datasheet Search
  English  ▼

X  

BTS650P Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BTS650P
Description  Smart Highside High Current Power Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS650P Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS650P Datasheet HTML 6Page - Infineon Technologies AG BTS650P Datasheet HTML 7Page - Infineon Technologies AG BTS650P Datasheet HTML 8Page - Infineon Technologies AG BTS650P Datasheet HTML 9Page - Infineon Technologies AG BTS650P Datasheet HTML 10Page - Infineon Technologies AG BTS650P Datasheet HTML 11Page - Infineon Technologies AG BTS650P Datasheet HTML 12Page - Infineon Technologies AG BTS650P Datasheet HTML 13Page - Infineon Technologies AG BTS650P Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet BTS650P
Infineon Technologies AG
Page 10
2003-Oct-01
Inverse load current operation
PROFET
V
IN
OUT
IS
bb
Vbb
VOUT
- IL
R IS
V
IS
V
IN
+
-
+
-
IIS
The device is specified for inverse load current
operation (VOUT > Vbb > 0V). The current sense feature
is not available during this kind of operation (IIS = 0).
With IIN = 0 (e.g. input open) only the intrinsic drain
source diode is conducting resulting in considerably
increased power dissipation. If the device is switched
on (VIN = 0), this power dissipation is decreased to the
much lower value RON(INV) * I2 (specifications see page
4).
Note: Temperature protection during inverse load
current operation is not possible!
Inductive load switch-off energy
dissipation
PROFET
V
IN
OUT
IS
bb
E
E
E
EAS
bb
L
R
ELoad
L
RL
{
Z L
RIS
I
IN
Vbb
i (t)
L
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER= VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL· L
2·RL
(Vbb + |VOUT(CL)|) ln (1+
IL·RL
|VOUT(CL)|
)
Maximum allowable load inductance for
a single switch off
L = f (IL ); Tj,start = 150°C, Vbb = 12 V, RL = 0 Ω
L [µH]
IL [A]
Externally adjustable current limit
If the device is conducting, the sense current can be
used to reduce the short circuit current and allow
higher lead inductance (see diagram above). The
device will be turned off, if the threshold voltage of T2
is reached by I
S*RIS . After a delay time defined by
R
V*CV T1 will be reset. The device is turned on again,
the short circuit current is defined by I
L(SC) and the
device is shut down after t
d(SC) with latch function.
PROFET
IS
IN
IS
R
V
R
Power
GND
Signal
GND
Vbb
OUT
V
C
load
R
T1
T2
IN
Signal
Vbb
1
10
100
1000
10000
100000
1000000
1 A
10 A
100 A
1000 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com