Electronic Components Datasheet Search
  English  ▼

X  

BTS736L2 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS736L2
Description  Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS736L2 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS736L2 Datasheet HTML 6Page - Infineon Technologies AG BTS736L2 Datasheet HTML 7Page - Infineon Technologies AG BTS736L2 Datasheet HTML 8Page - Infineon Technologies AG BTS736L2 Datasheet HTML 9Page - Infineon Technologies AG BTS736L2 Datasheet HTML 10Page - Infineon Technologies AG BTS736L2 Datasheet HTML 11Page - Infineon Technologies AG BTS736L2 Datasheet HTML 12Page - Infineon Technologies AG BTS736L2 Datasheet HTML 13Page - Infineon Technologies AG BTS736L2 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
BTS 736 L2
Semiconductor Group
13
2003-Oct-01
Figure 5b: Open load: turn on/off to open load
IN
ST
L
t
I
t
d(STOL4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com