Electronic Components Datasheet Search
  English  ▼

X  

BTS736L2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS736L2
Description  Smart High-Side Power Switch Two Channels: 2 x 40m??Status Feedback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS736L2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS736L2 Datasheet HTML 1Page - Infineon Technologies AG BTS736L2 Datasheet HTML 2Page - Infineon Technologies AG BTS736L2 Datasheet HTML 3Page - Infineon Technologies AG BTS736L2 Datasheet HTML 4Page - Infineon Technologies AG BTS736L2 Datasheet HTML 5Page - Infineon Technologies AG BTS736L2 Datasheet HTML 6Page - Infineon Technologies AG BTS736L2 Datasheet HTML 7Page - Infineon Technologies AG BTS736L2 Datasheet HTML 8Page - Infineon Technologies AG BTS736L2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BTS 736 L2
Semiconductor Group
2
2003-Oct-01
Functional diagram
Pin Definitions and Functions
Pin
Symbol
Function
1,10,
11,12,
15,16,
19,20
Vbb
Positive power supply voltage. Design the
wiring for the simultaneous max. short circuit
currents from channel 1 to 2 and also for low
thermal resistance
3
IN1
Input 1,2, activates channel 1,2 in case of
7
IN2
logic high signal
17,18
OUT1
Output 1,2, protected high-side power output
13,14
OUT2
of channel 1,2. Design the wiring for the max.
short circuit current
4
ST1
Diagnostic feedback 1,2 of channel 1,2,
8
ST2
open drain, low on failure
2
GND1
Ground 1 of chip 1 (channel 1)
6
GND2
Ground 2 of chip 2 (channel 2)
5,9
N.C.
Not Connected
Pin configuration
(top view)
Vbb 1 •
20 Vbb
GND1
2
19 Vbb
IN1
3
18 OUT1
ST1
4
17 OUT1
N.C.
5
16 Vbb
GND2
6
15 Vbb
IN2
7
14 OUT2
ST2
8
13 OUT2
N.C.
9
12 Vbb
Vbb 10
11 Vbb
OUT1
overvoltage
protection
logic
internal
voltage supply
ESD
temperature
sensor
clamp for
inductive load
gate
control
+
charge
pump
current limit
Open load
detection
ST1
VBB
LOAD
IN1
PROFET
GND1
Control and protection circuit
of
channel 2
IN2
ST2
OUT2
Channel 1
GND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com