Electronic Components Datasheet Search
  English  ▼

X  

LED1642GWPTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED1642GWPTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWPTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED1642GWPTR Datasheet HTML 5Page - STMicroelectronics LED1642GWPTR Datasheet HTML 6Page - STMicroelectronics LED1642GWPTR Datasheet HTML 7Page - STMicroelectronics LED1642GWPTR Datasheet HTML 8Page - STMicroelectronics LED1642GWPTR Datasheet HTML 9Page - STMicroelectronics LED1642GWPTR Datasheet HTML 10Page - STMicroelectronics LED1642GWPTR Datasheet HTML 11Page - STMicroelectronics LED1642GWPTR Datasheet HTML 12Page - STMicroelectronics LED1642GWPTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DocID024395 Rev 6
9/42
LED1642GW
Electrical characteristics
42
∆I
OL1
Output current precision
channel-to-channel
(all outputs ON)(1)(2)
VOUT = 0.1 V; (IOUT = 3 mA)
REXT = 11 kΩ
CFG-0…CFG-5= “000000”
CFG-6 = “0”
--
±4
%
∆I
OL2
VOUT = 0.5 V; (IOUT = 20 mA)
REXT = 11 kΩ
CFG-0…CFG-5 = “011010”
CFG-6 = “1”
--
±3
∆I
OL3
VOUT = 0.8 V; (IOUT = 36 mA)
REXT = 11 kΩ
CFG-0…CFG-5 = “111111”
CFG-6 = “1”
--
±3
∆I
OL2a
Output current precision
device-to-device
(all outputs ON)(1)
VOUT = 0.5 V; (IOUT = 20 mA)
REXT=1 1 kΩ
CFG-0…CFG-5 = “011010”
CFG-6 = “1”
--
±6
%
%/dVOUT
Output current vs. output
voltage regulation (3)
VOUT from 1 V to 3 V; (IOUT =
36 mA) REXT = 11 kΩ
CFG-0…CFG-5 = “111111”
CFG-6 = “1”
-±0.1
-
%/V
%/dVDD
Output current vs. supply
voltage regulation(4)
VDD from 3 V to 5.5 V
VOUT = 0.8 V; (IOUT = 36 mA)
REXT = 11 kΩ
CFG-0…CFG-5 = “111111”
CFG-6 = “1”
-±1
-
Rup
Pull-up resistor for PWCLK
pin
400
500
600
K
Ω
Rdw
Pull-down resistor for LE pin
400
500
600
REXT
External current setup
resistance
100
IDD(OFF1)
Supply current (OFF)
REXT = 11 kΩ
OUT 0 to 15 = OFF
CFG = default
--
6
mA
IDD(ON1)
Supply current (ON)
REXT = 11 kΩ; IOUT = 20 mA
OUT 0 to 15 = ON
CFG-0…CFG-5 = “011010”
CFG-6 = “1”
-8
IDD(ON2)
REXT = 11 kΩ; IOUT = 36 mA
OUT 0 to 15 = ON
CFG-0…CFG-5 = “111111”
CFG-6 = “1”
-10
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com