Electronic Components Datasheet Search
  English  ▼

X  

LED1642GWPTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LED1642GWPTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWPTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LED1642GWPTR Datasheet HTML 6Page - STMicroelectronics LED1642GWPTR Datasheet HTML 7Page - STMicroelectronics LED1642GWPTR Datasheet HTML 8Page - STMicroelectronics LED1642GWPTR Datasheet HTML 9Page - STMicroelectronics LED1642GWPTR Datasheet HTML 10Page - STMicroelectronics LED1642GWPTR Datasheet HTML 11Page - STMicroelectronics LED1642GWPTR Datasheet HTML 12Page - STMicroelectronics LED1642GWPTR Datasheet HTML 13Page - STMicroelectronics LED1642GWPTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Electrical characteristics
LED1642GW
10/42
DocID024395 Rev 6
Figure 3. Typical chip-to-chip accuracy
IDD (auto
OFF)
Supply current (auto OFF)
REXT= 11 kΩ;
OUT 0 to 15 = OFF
CFG-0…CFG-5 = “111111”
CFG-6 = “1”
-
200
500
µA
Tflg
Thermal flag
150
°C
Tsd
Thermal shutdown(5)
170
Tsd-hy
Thermal shutdown
hysteresis(5)
15
20
1.
Tested with just one output loaded.
2.
((Ioutn - Ioutavg1-15)/ Ioutavg1-15) x 100.
3.
4.
5.
Not tested, guaranteed by design.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
1
3
100
)
V
0
.
1
Voutn
@
Ioutn
(
)
V
0
.
1
Voutn
@
Ioutn
(
)
V
0
.
3
Voutn
@
Ioutn
(
)
V
/
(%
−
×
=
=
−
=
=
Δ
3
5
.
5
100
)
V
0
.
3
Vdd
@
Ioutn
(
)
V
0
.
3
Vdd
@
Ioutn
(
)
V
5
.
5
Vdd
@
Ioutn
(
)
V
/
(%
−
×
=
=
−
=
=
Δ
AM13688V1
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
40
IOUT (mA)
VDD=3.3/5 V; T=25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com