Electronic Components Datasheet Search
  English  ▼

X  

ECP150 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECP150
Description  100W Convection Cooled Rating
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP150 Datasheet(HTML) 1 Page - XP Power Limited

  ECP150 Datasheet HTML 1Page - XP Power Limited ECP150 Datasheet HTML 2Page - XP Power Limited ECP150 Datasheet HTML 3Page - XP Power Limited ECP150 Datasheet HTML 4Page - XP Power Limited ECP150 Datasheet HTML 5Page - XP Power Limited ECP150 Datasheet HTML 6Page - XP Power Limited ECP150 Datasheet HTML 7Page - XP Power Limited ECP150 Datasheet HTML 8Page - XP Power Limited ECP150 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
POWER
GREEN
The ECP150 series minimises the no load power consumption and maximises efficiency to facilitate equipment design to meet the
latest environmental legislation.
Approved for medical and ITE applications, this range of single output AC/DC power supplies are packaged in a low profile 1.26”
height with a foot print of just 2.0” by 4.0”.
The ECP150 provides up to 150W force-cooled or 100W convection-cooled leading to very high power densities of 14.9W/in3 or
9.9W/in3 respectively. A 12V, 500mA fan supply is included in the design.
The power supply contains two fuses and low leakage currents as required by medical applications and is safety approved to operate
in a 70 °C ambient.
The low profile and safety approvals covering ITE and medical standards along with conducted emissions meeting EN55011/22
level B allow the versatile ECP150 series to be used in a vast range of applications.
•
100W Convection Cooled Rating
•
150W Force Cooled Rating
•
2.0”by 4.0” Footprint
•
Low 1.26”Profile
•
High Efficiency, up to 92%
•
High Power Density
•
Medical & ITE Approvals
•
Less than 0.5W No Load Input Power
•
Built-In Fan Supply
•
3 Year Warranty
ECP150 Series


Similar Part No. - ECP150

ManufacturerPart #DatasheetDescription
logo
Clarke International
ECP15A1 CLARKE-ECP15A1 Datasheet
2Mb / 16P
1.5” ELECTRIC WATER PUMP
GC0425 Rev-5
More results

Similar Description - ECP150

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
Convection/Forcedcooled Ratings
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
100 W Convection Rating, 150 W Forcedcooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
120W Convection-cooled Rating
JPS XPPOWER-JPS Datasheet
167Kb / 2P
100 W Convection-cooled
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
Convection Cooled
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
Rugged Convection Cooled System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com