Electronic Components Datasheet Search
  English  ▼

X  

ECP150 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECP150
Description  100W Convection Cooled Rating
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP150 Datasheet(HTML) 2 Page - XP Power Limited

  ECP150 Datasheet HTML 1Page - XP Power Limited ECP150 Datasheet HTML 2Page - XP Power Limited ECP150 Datasheet HTML 3Page - XP Power Limited ECP150 Datasheet HTML 4Page - XP Power Limited ECP150 Datasheet HTML 5Page - XP Power Limited ECP150 Datasheet HTML 6Page - XP Power Limited ECP150 Datasheet HTML 7Page - XP Power Limited ECP150 Datasheet HTML 8Page - XP Power Limited ECP150 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Input Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
90
115/230
264
VAC
Derate output from 100% at 100 VAC to
90% at 90 VAC
Input Frequency
47
50/60
63
Hz
Agency approval 47-63 Hz
Power Factor
0.95
230 VAC, 100% load EN61000-3-2 class A
EN61000-3-2 class C > 60W
Input Current - Full Load
1.5/0.75
A
115/230 VAC
Inrush Current
60
A
230 VAC cold start, 25 °C
Earth Leakage Current
80/140
230
µA
115/230 VAC/50 Hz (Typ.), 264 VAC/60 Hz (Max.)
No Load Input Power
0.5
W
Input Protection
F3.15 A/250 V Internal fuse fitted in line and neutral.
Output Characteristics
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
V1 at 50% load, 115/230 VAC
Output Voltage Adjustment - V1
10
%
V1 only via potentiometer. See mech. details,
Vfan will track
Minimum Load
0
A
Start Up Delay
550
ms
115/230 VAC full load at 25° C. See fig. 3 & 4.
Rise Time
35
ms
Hold Up Time
16
20
ms
At full load, 100 VAC, see fig. 5.
Drift
±0.02
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±0.5
%
0-100% load
Transient Response
4
%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot
4
%
Full Load
Ripple & Noise
1
% pk-pk
20 MHz bandwidth & 10 µF electrolytic capacitor
in parallel with 0.1 µF ceramic capacitor, See fig. 6.
Overvoltage Protection
115
140
%
Vnom, recycle input to reset
Overload Protection
110
150
% I nom
See fig. 1.
Short Circuit Protection
Trip and Restart See fig. 2.
Temperature Coefficient
0.02
%/ ° C
Models and Ratings
Notes:
1. Requires 10 CFM.
2. Measured with 20 MHz bandwidth and 10 μF electrolytic capacitor in parallel with 0.1 μF ceramic capacitor
3. Minimum average efficiencies measured at 25%, 50%, 75% & 100% of 150 W load and 230 VAC input.
Output Voltage
Output Current
Ripple and Noise
pk-pk(2)
Fan Output
Efficiency(3)
Model Number(4)
Convection-cooled
Forced-cooled(1)
12.0 V
8.33 A
12.50 A
120 mV
12 V/0.5 A
91%
ECP150PS12
15.0 V
6.67 A
10.00 A
150 mV
12 V/0.5 A
91%
ECP150PS15
24.0 V
4.17 A
6.25 A
240 mV
12 V/0.5 A
91%
ECP150PS24
28.0 V
3.50 A
5.40 A
280 mV
12 V/0.5 A
92%
ECP150PS28
48.0 V
2.08 A
3.10 A
480 mV
12 V/0.5 A
92%
ECP150PS48
2
xppower.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com