Electronic Components Datasheet Search
  English  ▼

X  

BUZ73AL Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BUZ73AL
Description  SIPMOS Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ73AL Datasheet(HTML) 8 Page - Infineon Technologies AG

  BUZ73AL Datasheet HTML 1Page - Infineon Technologies AG BUZ73AL Datasheet HTML 2Page - Infineon Technologies AG BUZ73AL Datasheet HTML 3Page - Infineon Technologies AG BUZ73AL Datasheet HTML 4Page - Infineon Technologies AG BUZ73AL Datasheet HTML 5Page - Infineon Technologies AG BUZ73AL Datasheet HTML 6Page - Infineon Technologies AG BUZ73AL Datasheet HTML 7Page - Infineon Technologies AG BUZ73AL Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
BUZ 73AL
Data Sheet
8
05.99
Avalanche energy
E
AS = ƒ(Tj)
parameter:
ID = 7 A, VDD = 50 V
R
GS = 25 Ω, L = 3.67 mH
20
40
60
80
100
120
˚C
160
T
j
0
10
20
30
40
50
60
70
80
90
100
110
mJ
130
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter:
I
D puls = 63 A
0
10
20
30
40
50
60
70
80
nC 100
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
˚C
160
T
j
180
185
190
195
200
205
210
215
220
225
230
V
240
V
(BR)DSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com