Electronic Components Datasheet Search
  English  ▼

X  

BUZ73AL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BUZ73AL
Description  SIPMOS Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUZ73AL Datasheet(HTML) 1 Page - Infineon Technologies AG

  BUZ73AL Datasheet HTML 1Page - Infineon Technologies AG BUZ73AL Datasheet HTML 2Page - Infineon Technologies AG BUZ73AL Datasheet HTML 3Page - Infineon Technologies AG BUZ73AL Datasheet HTML 4Page - Infineon Technologies AG BUZ73AL Datasheet HTML 5Page - Infineon Technologies AG BUZ73AL Datasheet HTML 6Page - Infineon Technologies AG BUZ73AL Datasheet HTML 7Page - Infineon Technologies AG BUZ73AL Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
1
05.99
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
• Logic Level
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 73 AL
200 V
5.5 A
0.6
Ω
TO-220 AB
C67078-S1328-A3
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 37 ˚C
ID
5.5
A
Pulsed drain current
TC = 25 ˚C
IDpuls
22
Avalanche current,limited by Tjmax
IAR
7
Avalanche energy,periodic limited by Tjmax
EAR
6.5
mJ
Avalanche energy, single pulse
ID = 7 A, VDD = 50 V, RGS = 25 Ω
L
= 3.67 mH, Tj = 25 ˚C
EAS
120
Gate source voltage
VGS
± 20
V
ESD-Sensitivity HBM as per MIL-STD 883
Class 1
Power dissipation
TC = 25 ˚C
Ptot
40
W
Operating temperature
Tj
-55 ... + 150
˚C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 3.1
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56
BUZ 73AL


Similar Part No. - BUZ73AL

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ73AL SIEMENS-BUZ73AL Datasheet
176Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level)
logo
Inchange Semiconductor ...
BUZ73AL ISC-BUZ73AL Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
BUZ73ALH INFINEON-BUZ73ALH Datasheet
1Mb / 10P
SIPMOS Power Transistor
Rev. 2.4 2009-11-10
More results

Similar Description - BUZ73AL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
SIPMOS Power Transistor
05.99
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
SIPMOS Power Transistor
05.99
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
SIPMOS Power-Transistor
2001-08-24
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
SIPMOS Power Transistor
06.99
BUZ32H INFINEON-BUZ32H Datasheet
408Kb / 10P
SIPMOS Power Transistor
Rev. 2.4 2009-11-10
SPP18P06PG INFINEON-SPP18P06PG_10 Datasheet
454Kb / 9P
SIPMOS Power-Transistor
Rev1.9 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com