Electronic Components Datasheet Search
  English  ▼

X  

ST25TA02K Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25TA02K
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 19Page - STMicroelectronics ST25TA02K Datasheet HTML 20Page - STMicroelectronics ST25TA02K Datasheet HTML 21Page - STMicroelectronics ST25TA02K Datasheet HTML 22Page - STMicroelectronics ST25TA02K Datasheet HTML 23Page - STMicroelectronics ST25TA02K Datasheet HTML 24Page - STMicroelectronics ST25TA02K Datasheet HTML 25Page - STMicroelectronics ST25TA02K Datasheet HTML 26Page - STMicroelectronics ST25TA02K Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
DocID027801 Rev 1
23/50
ST25TA02K
RF command sets
47
5.3
R-Block format
The R-Block is used to convey positive or negative acknowledgment between the RF host
and the ST25TA02K.
There are two kinds of R-Blocks:
•
R(ACK): the acknowledgment block sent by the RF host or by the ST25TA02K
•
R(NAK): the non-acknowledgment block sent by the RF host
Table 15. R-Block format
NFC frame
SoD
-
EoD
PCB
DID
Payload
CRC
Length
1 byte
1 byte
0 byte
2 bytes
R(ACK) without the DID field: 0xA2 or 0xA3
R(ACK) with the DID field: 0xAA or 0xAB
R(NAK) without the DID field: 0xB2 or 0xB3
R(NAK) with the DID field: 0xBA or 0xBB
DID field (optional)
-
2 CRC bytes
Table 16. R-Block detailed format
b7-b6
b5b4b3
b2
b1
b0
0b10
1
X
X
0
0
X
R-Block
Must be set to 1.
0: NAK
1: ACK
0: DID field is not present
1: DID field is present
Must be set to 0
Must be set to 0
Block number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com