Electronic Components Datasheet Search
  English  ▼

X  

ST25TA02K Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25TA02K
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 37Page - STMicroelectronics ST25TA02K Datasheet HTML 38Page - STMicroelectronics ST25TA02K Datasheet HTML 39Page - STMicroelectronics ST25TA02K Datasheet HTML 40Page - STMicroelectronics ST25TA02K Datasheet HTML 41Page - STMicroelectronics ST25TA02K Datasheet HTML 42Page - STMicroelectronics ST25TA02K Datasheet HTML 43Page - STMicroelectronics ST25TA02K Datasheet HTML 44Page - STMicroelectronics ST25TA02K Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
DocID027801 Rev 1
41/50
ST25TA02K
RF command sets
47
The ascending and descending data rates shall be coded as described in Table 52.
When the ST25TA02K is able to change both data rates, it returns the following response.
The data rate of this response is 106 kbps; then, the ST25TA02K changes the ascending
and descending data rates.
Table 53 gives the details of the PPS response.
Table 51. PPS command
Name
INS (PPSS)
PPS0
PPS1
CRC
Byte field
0xDX
0x11
1 byte
2 bytes
Bit field
b7-b4
b3-b0
-
0b0000
b3-b2
b1-b0
-
INS
Instruction code
DID
-
PPS1 is present
PPS1
RFU
Descending data rate (106 kb/s) = 0b00
Ascending data rate (106 kb/s) = 0b00
-
2 CRC bytes
Table 52. Ascending and descending data rate coding
Value
0b00
0b01
0b10
0b11
Data rate
106 kbps
RFU
RFU
RFU
Table 53. PPS response
Name
RESPONSE (PPSS)
CRC
Byte field
0xDX
2 bytes
Bit field
b8-b5
b4-b1
-
Response code
DID field
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com