Electronic Components Datasheet Search
  English  ▼

X  

STAP16DPPS05XTTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAP16DPPS05XTTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05XTTR Datasheet(HTML) 1 Page - STMicroelectronics

  STAP16DPPS05XTTR Datasheet HTML 1Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 2Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 3Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 4Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 5Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 6Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 7Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 8Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is information on a product in full production.
November 2015
DocID024306 Rev 6
1/33
STAP16DPPS05
Low voltage 16-bit constant current LED sink driver with output error
detection and auto power-saving for automotive applications
Datasheet
- production data
Features
• AECQ100 qualification
• Low voltage power supply down to 3 V
• 16 constant current output channels
• Adjustable output current through external
resistor
• Short and open output error detection
• Serial data IN/parallel data OUT
• 3.3 V micro driver-able
• Auto power-saving
• Output current: 3 - 40 mA
• Auto power-saving
• Max. clock frequency: 30 MHz
• 20 V current generator rated voltage
• Power supply voltage: from 3 V to 5.5 V
• Thermal shutdown for overtemperature
protection
• ESD protection 2.0 KV HBM
Applications
• Dashboard and infotainment backlighting
• Exterior/interior lighting
• DTRLs
Description
The STAP16DPPS05 is a monolithic, low voltage,
low current power 16-bit shift register designed for
LED panel displays. The device contains a 16-bit
serial-in, parallel-out shift register that feeds a 16-
bit D-type storage register. In the output stage,
sixteen regulated current sources are designed to
provide 3 to 40 mA of constant current to drive the
LEDs.
The STAP16DPPS05 features the open and short
LED detection on the outputs. The detection
circuit checks 3 different conditions which may
occur on the output line: short to GND, short to VO
or open line. The data detection results are
loaded in the shift register and shifted out via the
serial line output. The detection functionality is
implemented without increasing the pin number
through a secondary function of the output enable
and latch pin (DM1 and DM2 respectively). A
dedicated logic sequence allows the device to
enter or leave detection mode. Through an
external resistor, users can adjust the output
current of the STP16DPPS05 thus controlling the
light intensity of the LEDs. In addition, the user
can adjust the intensity of the brightness of the
LED’s from 0% to 100% through the OE/DM2 pin.
The auto power shutdown and auto power-ON
feature allows the device to save power with no
external intervention. The STAP16DPPS05
guarantees a 20 V output driving capability,
allowing users to connect more LEDs in series.
The high clock frequency, 30 MHz also satisfies
the system requirement of high volume data
transmission. The 3.3 V of voltage supply is very
useful for applications interfacing any
microcontroller from 3.3 V micro. Compared with
a standard TSSOP package, the TSSOP exposed
pad increases the capability of heat dissipation by
a factor of 2.5.
Table 1. Device summary
Order code
Package
Packing
STAP16DPPS05XTTR
HTSSOP24 (exposed pad)
2500 parts per reel
www.st.com


Similar Part No. - STAP16DPPS05XTTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STAP16DPS05XTTR STMICROELECTRONICS-STAP16DPS05XTTR Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
More results

Similar Description - STAP16DPPS05XTTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
22-Jul-2005
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
Low voltage 16-Bit constant current LED sink driver
21-Dec-2006
STP16CP596 STMICROELECTRONICS-STP16CP596_06 Datasheet
379Kb / 26P
Low voltage 16-Bit, constant current LED sink driver
16-May-2006
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CP05XTTR STMICROELECTRONICS-STP16CP05XTTR Datasheet
658Kb / 27P
Low voltage 16-bit constant current LED sink driver
20-Jan-2010
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
Low voltage 16-bit constant current LED sink driver
10-Nov-2015
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com