Electronic Components Datasheet Search
  English  ▼

X  

STAP16DPPS05XTTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STAP16DPPS05XTTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05XTTR Datasheet(HTML) 5 Page - STMicroelectronics

  STAP16DPPS05XTTR Datasheet HTML 1Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 2Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 3Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 4Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 5Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 6Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 7Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 8Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DocID024306 Rev 6
5/33
STAP16DPPS05
Summary description
33
1
Summary description
1.1
Pin connections and description
Figure 1. Pin connections
Note:
The exposed pad is electrically connected to a metal layer electrically isolated or connected
to ground.
Table 2. Typical current accuracy
Output voltage
Current accuracy
Output current
VDD
Temperature
Between bits
Between ICs
≥ 1.3 V
± 1%
± 2%
5 to 40 mA
3.3 V to 5 V
25 °C
GND
SDI
CLK
LE/DM1
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
OUT15
OE/DM2
SDO
R-EXT
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com