Electronic Components Datasheet Search
  English  ▼

X  

STB130N6F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB130N6F7
Description  Low Crss/Ciss ratio for EMI immunity
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB130N6F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STB130N6F7 Datasheet HTML 1Page - STMicroelectronics STB130N6F7 Datasheet HTML 2Page - STMicroelectronics STB130N6F7 Datasheet HTML 3Page - STMicroelectronics STB130N6F7 Datasheet HTML 4Page - STMicroelectronics STB130N6F7 Datasheet HTML 5Page - STMicroelectronics STB130N6F7 Datasheet HTML 6Page - STMicroelectronics STB130N6F7 Datasheet HTML 7Page - STMicroelectronics STB130N6F7 Datasheet HTML 8Page - STMicroelectronics STB130N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
December 2015
DocID027380 Rev 5
1/14
This is information on a product in full production.
www.st.com
STB130N6F7
N-
channel 60 V, 4.2 mΩ typ., 80 A STripFET™ F7
Power MOSFET in a D²PAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STB130N6F7
60 V
5.0 mΩ
80 A
160 W
Among the lowest RDS(on) on the market
Excellent figure of merit (FoM)
Low Crss/Ciss ratio for EMI immunity
High avalanche ruggedness
Applications
Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
Table 1: Device summary
Order code
Marking
Package
Packing
STB130N6F7
130N6F7
D²PAK
Tape and reel
1
3
TAB
D2PAK
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STB130N6F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB130N6F7-2 ISC-STB130N6F7-2 Datasheet
295Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STB130N6F7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD7P20TF FAIRCHILD-FQD7P20TF Datasheet
737Kb / 9P
Low Crss(typical 25 pF)
logo
Central Semiconductor C...
CQ220-8M3 CENTRAL-CQ220-8M3 Datasheet
495Kb / 4P
3Q technology for noise immunity
logo
Nisshinbo Micro Devices...
NJU7721X NISSHINBO-NJU7721X Datasheet
2Mb / 33P
Ultra Low Power, Excellent EMI Immunity, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.1
NJU77572 NISSHINBO-NJU77572 Datasheet
1Mb / 22P
10MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
June 29, 2022 Ver.1.0
NJU77580 NISSHINBO-NJU77580 Datasheet
1Mb / 33P
20MHz, Low noise, Excellent EMI Immunity, Rail-to-rail I/O, Operational Amplifiers
May 24, 2022 Ver.1.2
logo
New Japan Radio
NJMOP277 NJRC-NJMOP277 Datasheet
3Mb / 24P
Excellent EMI Immunity Low Noise, Precision Operational Amplifiers
Ver.2.0
NJU7066 NJRC-NJU7066 Datasheet
1Mb / 18P
PRECISION, LOW NOISE, RAIL-TO-RAIL OUTPUT, EXCELLENT EMI IMMUNITY, CMOS OPERATIONAL AMPLIFIERS
Ver.1.1
NJU77240 NJRC-NJU77240 Datasheet
1Mb / 25P
Excellent EMI Immunity Rail-to-Rail Input, Open-Drain Output Low power CMOS Comparators
Ver.6
logo
Rohm
LM2902EYFV-C ROHM-LM2902EYFV-C Datasheet
1Mb / 24P
Automotive Excellent EMI Immunity Ground Sense Operational Amplifier
22.Jun.2023 Rev.001
LM8391EYG-C ROHM-LM8391EYG-C Datasheet
1Mb / 22P
Automotive Excellent EMI Immunity Ground Sense Comparators
20.Feb.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com