Electronic Components Datasheet Search
  English  ▼

X  

STD80N6F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD80N6F6
Description  Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD80N6F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STD80N6F6 Datasheet HTML 1Page - STMicroelectronics STD80N6F6 Datasheet HTML 2Page - STMicroelectronics STD80N6F6 Datasheet HTML 3Page - STMicroelectronics STD80N6F6 Datasheet HTML 4Page - STMicroelectronics STD80N6F6 Datasheet HTML 5Page - STMicroelectronics STD80N6F6 Datasheet HTML 6Page - STMicroelectronics STD80N6F6 Datasheet HTML 7Page - STMicroelectronics STD80N6F6 Datasheet HTML 8Page - STMicroelectronics STD80N6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
January 2014
DocID023471 Rev 2
1/15
STD80N6F6
Automotive-grade N-channel 60 V, 4.4 m
Ω typ., 80 A
STripFET™ VI DeepGATE™ Power MOSFET in a DPAK package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Low gate charge
• Very low on-resistance
• High avalanche ruggedness
Applications
• Switching applications
Description
This device is an N-channel Power MOSFET
developed using the 6
th
generation of STripFET™
DeepGATE™ technology, with a new gate
structure. The resulting Power MOSFET exhibits
the lowest R
DS(on)
in all packages.
Order code
VDS
RDS(on) max.
ID
STD80N6F6
60 V
5 m
Ω
80 A
(1)
1.
Current limited by package
Table 1. Device summary
Order code
Marking
Packages
Packaging
STD80N6F6
80N6F6
DPAK
Tape and reel
www.st.com


Similar Part No. - STD80N6F6

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STD80N6F6 DOINGTER-STD80N6F6 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced SGT technology
logo
VBsemi Electronics Co.,...
STD80N6F6 VBSEMI-STD80N6F6 Datasheet
998Kb / 8P
N-Channel 60 V (D-S) 175 째C MOSFET
logo
TECH PUBLIC Electronics...
STD80N6F6-TP TECHPUBLIC-STD80N6F6-TP Datasheet
1Mb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - STD80N6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
N-channel 30 V, 0.0037 Ω, 80 A, DPAK STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2011
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
05-Mar-2013
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
23-May-2013
STB150N3LH6 STMICROELECTRONICS-STB150N3LH6 Datasheet
1,003Kb / 15P
N-channel 30 V, 2.4 mΩ typ., 80 A, STripFET™ VI DeepGATE™ Power MOSFET in D²PAK package
July 2012 Rev 1
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
Automotive-grade N-channel 60 V, 4.4 mΩ typ., 80 A STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
21-Jan-2014
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STL225N6F7AG STMICROELECTRONICS-STL225N6F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 60 V, 1.2 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
17-Mar-2017
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com