Electronic Components Datasheet Search
  English  ▼

X  

STD80N6F6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD80N6F6
Description  Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD80N6F6 Datasheet(HTML) 5 Page - STMicroelectronics

  STD80N6F6 Datasheet HTML 1Page - STMicroelectronics STD80N6F6 Datasheet HTML 2Page - STMicroelectronics STD80N6F6 Datasheet HTML 3Page - STMicroelectronics STD80N6F6 Datasheet HTML 4Page - STMicroelectronics STD80N6F6 Datasheet HTML 5Page - STMicroelectronics STD80N6F6 Datasheet HTML 6Page - STMicroelectronics STD80N6F6 Datasheet HTML 7Page - STMicroelectronics STD80N6F6 Datasheet HTML 8Page - STMicroelectronics STD80N6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID023471 Rev 2
5/15
STD80N6F6
Electrical characteristics
15
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
I
SD
Source-drain current
-
80
A
I
SDM
(1)
1.
Current limited by package.
Source-drain current (pulsed)
-
320
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 80 A, V
GS
= 0
-
1.3
V
t
rr
Reverse recovery time
I
SD
= 80 A, V
DD
= 48 V
di/dt = 100 A/μs,
T
j
= 150 °C
-46
ns
Q
rr
Reverse recovery charge
-
65
nC
I
RRM
Reverse recovery current
-
2.8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com