Electronic Components Datasheet Search
  English  ▼

X  

STF10N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF10N80K5
Description  N-channel 800 V, 0.470 ??typ., 9 A MDmesh™K5 Power MOSFET in a TO-220FP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF10N80K5 Datasheet HTML 1Page - STMicroelectronics STF10N80K5 Datasheet HTML 2Page - STMicroelectronics STF10N80K5 Datasheet HTML 3Page - STMicroelectronics STF10N80K5 Datasheet HTML 4Page - STMicroelectronics STF10N80K5 Datasheet HTML 5Page - STMicroelectronics STF10N80K5 Datasheet HTML 6Page - STMicroelectronics STF10N80K5 Datasheet HTML 7Page - STMicroelectronics STF10N80K5 Datasheet HTML 8Page - STMicroelectronics STF10N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
November 2014
DocID026564 Rev 4
1/14
STF10N80K5
N-channel 800 V, 0.470
Ω typ., 9 A MDmesh™ K5
Power MOSFET in a TO-220FP package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Industry’s best RDS(on)
• Industry’s best figure of merit (FoM)
• Ultra-low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
This very high voltage N-channel Power MOSFET
is designed using MDmesh™ K5 technology
based on an innovative proprietary vertical
structure. The result is a dramatic reduction in on-
resistance and ultra-low gate charge for
applications requiring superior power density and
high efficiency.
1
2
3
TO-220FP
D(2)
G(1)
S(3)
AM01476v1
Order code
VDS
RDS(on) max
ID
PTOT
STF10N80K5
800 V
0.600
Ω
9 A
30 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STF10N80K5
10N80K5
TO-220FP
Tube
www.st.com


Similar Part No. - STF10N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF10N80K5 STMICROELECTRONICS-STF10N80K5 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
More results

Similar Description - STF10N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
N-channel 800 V, 0.95 Ω typ., 5 A MDmesh™ K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STF5N80K5 STMICROELECTRONICS-STF5N80K5 Datasheet
715Kb / 13P
N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
09-May-2016
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
N-channel 800 V, 0.23 Ω typ., 16 A MDmesh™K5 Power MOSFET in a TO-220FP package
28-Aug-2015
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
20-Jan-2016
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5_V01 Datasheet
841Kb / 17P
N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
08-Sep-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
10-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com