Electronic Components Datasheet Search
  English  ▼

X  

C164SM Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # C164SM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SM Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button C164SM Datasheet HTML 9Page - Infineon Technologies AG C164SM Datasheet HTML 10Page - Infineon Technologies AG C164SM Datasheet HTML 11Page - Infineon Technologies AG C164SM Datasheet HTML 12Page - Infineon Technologies AG C164SM Datasheet HTML 13Page - Infineon Technologies AG C164SM Datasheet HTML 14Page - Infineon Technologies AG C164SM Datasheet HTML 15Page - Infineon Technologies AG C164SM Datasheet HTML 16Page - Infineon Technologies AG C164SM Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
C164CM
C164SM
Data Sheet
9
V1.0, 2001-05
P8
P8.0
P8.1
P8.2
P8.3
56
57
58
59
IO
I/O
I
I/O
O
I/O
I
I/O
O
Port 8 is a 4-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 8 outputs can be configured as push/
pull or open drain drivers.
The following Port 8 pins also serve for alternate functions:
CC16IO
CAPCOM2: CC16 Capture Inp./Compare Outp.,
CAN1_RxD CAN1 Receive Data Input
CC17IO
CAPCOM2: CC17 Capture Inp./Compare Outp.,
CAN1_TxD CAN1 Transmit Data Output
CC18IO
CAPCOM2: CC18 Capture Inp./Compare Outp.,
CAN1_RxD CAN1 Receive Data Input
CC19IO
CAPCOM2: CC19 Capture Inp./Compare Outp.,
CAN1_TxD CAN1 Transmit Data Output
Note: The CAN interface lines are only available in the
C164CM.
P5
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
62
63
64
1
2
3
4
5
I
I
I
I
I
I
I
I
I
Port 5 is an 8-bit input-only port with Schmitt-Trigger
characteristic.
The pins of Port 5 also serve as analog input channels for the
A/D converter, or they serve as timer inputs:
AN0
AN1
AN2,
T3EUD GPT1 Timer T3 Ext. Up/Down Ctrl. Inp.
AN3,
T3IN
GPT1 Timer T3 Count Input
AN4,
T2EUD GPT1 Timer T5 Ext. Up/Down Ctrl. Inp.
AN5,
T4EUD GPT1 Timer T4 Ext. Up/Down Ctrl. Inp.
AN6,
T2IN
GPT1 Timer T2 Count Input
AN7,
T4IN
GPT1 Timer T4 Count Input
VAGND 60
–
Reference ground for the A/D converter.
VAREF
61
–
Reference voltage for the A/D converter.
VDD
7, 16,
32, 48
–
Digital Supply Voltage:
+5 V during normal operation and idle mode.
≥2.5 V during power down mode.
VSS
6, 17,
33, 51
–
Digital Ground.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com