Electronic Components Datasheet Search
  English  ▼

X  

C164SM Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # C164SM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SM Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button C164SM Datasheet HTML 17Page - Infineon Technologies AG C164SM Datasheet HTML 18Page - Infineon Technologies AG C164SM Datasheet HTML 19Page - Infineon Technologies AG C164SM Datasheet HTML 20Page - Infineon Technologies AG C164SM Datasheet HTML 21Page - Infineon Technologies AG C164SM Datasheet HTML 22Page - Infineon Technologies AG C164SM Datasheet HTML 23Page - Infineon Technologies AG C164SM Datasheet HTML 24Page - Infineon Technologies AG C164SM Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
C164CM
C164SM
Data Sheet
17
V1.0, 2001-05
Table 3
C164CM Interrupt Nodes
Source of Interrupt or
PEC Service Request
Request
Flag
Enable
Flag
Interrupt
Vector
Vector
Location
Trap
Number
Fast External Interrupt 0
CC8IR
CC8IE
CC8INT
00’0060H
18H
Fast External Interrupt 1
CC9IR
CC9IE
CC9INT
00’0064H
19H
Fast External Interrupt 2
CC10IR
CC10IE
CC10INT
00’0068H
1AH
Fast External Interrupt 3
CC11IR
CC11IE
CC11INT
00’006CH
1BH
GPT1 Timer 2
T2IR
T2IE
T2INT
00’0088H
22H
GPT1 Timer 3
T3IR
T3IE
T3INT
00’008CH
23H
GPT1 Timer 4
T4IR
T4IE
T4INT
00’0090H
24H
A/D Conversion
Complete
ADCIR
ADCIE
ADCINT
00’00A0H
28H
A/D Overrun Error
ADEIR
ADEIE
ADEINT
00’00A4H
29H
ASC0 Transmit
S0TIR
S0TIE
S0TINT
00’00A8H
2AH
ASC0 Transmit Buffer
S0TBIR
S0TBIE
S0TBINT
00’011CH
47H
ASC0 Receive
S0RIR
S0RIE
S0RINT
00’00ACH
2BH
ASC0 Error
S0EIR
S0EIE
S0EINT
00’00B0H
2CH
SSC Transmit
SCTIR
SCTIE
SCTINT
00’00B4H
2DH
SSC Receive
SCRIR
SCRIE
SCRINT
00’00B8H
2EH
SSC Error
SCEIR
SCEIE
SCEINT
00’00BCH
2FH
CAPCOM Register 16
CC16IR
CC16IE
CC16INT
00’00C0H
30H
CAPCOM Register 17
CC17IR
CC17IE
CC17INT
00’00C4H
31H
CAPCOM Register 18
CC18IR
CC18IE
CC18INT
00’00C8H
32H
CAPCOM Register 19
CC19IR
CC19IE
CC19INT
00’00CCH
33H
CAPCOM Register 24
CC24IR
CC24IE
CC24INT
00’00E0H
38H
CAPCOM Register 25
CC25IR
CC25IE
CC25INT
00’00E4H
39H
CAPCOM Register 26
CC26IR
CC26IE
CC26INT
00’00E8H
3AH
CAPCOM Register 27
CC27IR
CC27IE
CC27INT
00’00ECH
3BH
CAPCOM Timer 7
T7IR
T7IE
T7INT
00’00F4H
3DH
CAPCOM Timer 8
T8IR
T8IE
T8INT
00’00F8H
3EH
CAPCOM6 Interrupt
CC6IR
CC6IE
CC6INT
00’00FCH
3FH
CAN Interface 1
XP0IR
XP0IE
XP0INT
00’0100H
40H
PLL/OWD and RTC
XP3IR
XP3IE
XP3INT
00’010CH
43H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com