Electronic Components Datasheet Search
  English  ▼

X  

CFY25 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # CFY25
Description  HiRel X-Band GaAs Low Noise / General Purpose MESFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY25 Datasheet(HTML) 4 Page - Infineon Technologies AG

  CFY25 Datasheet HTML 1Page - Infineon Technologies AG CFY25 Datasheet HTML 2Page - Infineon Technologies AG CFY25 Datasheet HTML 3Page - Infineon Technologies AG CFY25 Datasheet HTML 4Page - Infineon Technologies AG CFY25 Datasheet HTML 5Page - Infineon Technologies AG CFY25 Datasheet HTML 6Page - Infineon Technologies AG CFY25 Datasheet HTML 7Page - Infineon Technologies AG CFY25 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CFY25
Semiconductor Group
4 of 8
Draft D, Sep. 0000
Electrical Characteristics (continued)
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Noise figure
1)
VDS = 3 V, ID = 15 mA, f = 12 GHz
NF
dB
CFY25-P
-
< 2.3
-
CFY25-20, -20P
-
1.9
2.1
CFY25-23, -23P
-
2.2
2.4
Associated gain.
1)
VDS = 3 V, ID = 15 mA, f = 12 GHz
Ga
dB
CFY25-P
-
> 8.5
-
CFY25-20, -20P
8.5
9
-
CFY25-23, -23P
8.0
8.7
-
Output power at 1 dB gain compression
2)
VDS = 3 V, ID(RF off) = 20 mA, f = 12 GHz
P1dB
dBm
CFY25-20, -23
-
15
-
CFY25-20P, 23P, -P
14
15
-
Linear power gain
2)
VDS = 3 V, ID = 20 mA, f = 12 GHz,
Pin = 0 dBm
Glp
dB
CFY25-20
-
9.2
-
CFY25-23
-
8.5
-
CFY25-20P, -P
8.5
9.2
-
CFY25-23P
8.0
8.5
-
Notes.:
1) Noise figure / sssociated gain characteristics given for minimum noise figure matching
conditions (fixed generic matching, no fine-tuning).
2) Output power / linear power gain characteristics given for optimum output power matching
conditions (fixed generic matching, no fine-tuning).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com