Electronic Components Datasheet Search
  English  ▼

X  

CFY25 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CFY25
Description  HiRel X-Band GaAs Low Noise / General Purpose MESFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY25 Datasheet(HTML) 7 Page - Infineon Technologies AG

  CFY25 Datasheet HTML 1Page - Infineon Technologies AG CFY25 Datasheet HTML 2Page - Infineon Technologies AG CFY25 Datasheet HTML 3Page - Infineon Technologies AG CFY25 Datasheet HTML 4Page - Infineon Technologies AG CFY25 Datasheet HTML 5Page - Infineon Technologies AG CFY25 Datasheet HTML 6Page - Infineon Technologies AG CFY25 Datasheet HTML 7Page - Infineon Technologies AG CFY25 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CFY25
Semiconductor Group
7 of 8
Draft D, Sep. 0000
Order Instructions:
Full type variant including quality level must be specified by the orderer. For HiRel Discrete
and Microwave Semiconductors the ordering code specifies device family and quality level
only.
Ordering Form:
Ordering Code: Q..........
CFY25- (nnl) (ql)
(nnl):
Noise/Gain/Power Level
(ql):
Quality Level
Ordering Example:
Ordering Code: Q62703F119
CFY25-20P
For CFY25, Noise/Gain/Power Level 20P:
NF < 2.1dB, Ga > 8.5 dB, P1dB > 14 dBm @ 12 GHz
in ESA Space Quality Level
Further Informations:
See our WWW-Pages:
- Discrete and RF-Semiconductors (Small Signal Semiconductors)
www.siemens.de/semiconductor/products/35/35.htm
- HiRel Discrete and Microwave Semiconductors
www.siemens.de/semiconductor/products/35/353.htm
Please contact also our marketing division :
Tel.:
++89 6362 4480
Fax.:
++89 6362 5568
e-mail:
martin.wimmers@siemens-scg.com
Address:
Siemens Semiconductors,
High Frequency Products Marketing,
P.O.Box 801709,
D-81617 Munich



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com