Electronic Components Datasheet Search
  English  ▼

X  

CFY27 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CFY27
Description  HiRel Ku-Band GaAs General Purpose MESFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFY27 Datasheet(HTML) 6 Page - Infineon Technologies AG

  CFY27 Datasheet HTML 1Page - Infineon Technologies AG CFY27 Datasheet HTML 2Page - Infineon Technologies AG CFY27 Datasheet HTML 3Page - Infineon Technologies AG CFY27 Datasheet HTML 4Page - Infineon Technologies AG CFY27 Datasheet HTML 5Page - Infineon Technologies AG CFY27 Datasheet HTML 6Page - Infineon Technologies AG CFY27 Datasheet HTML 7Page - Infineon Technologies AG CFY27 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CFY27
Semiconductor Group
6 of 9
Draft D, September 99
Typical Common Source S-Parameters CFY25-20 (continued)
VDS = 5 V, ID = 120 mA, Zo = 50
Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22
k-Fact.
S21/S12
MAG
[GHz]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,937
-44
9,390
149
0,0152
65
0,319
-27
0,38
27,9
0,6
0,922
-50
9,010
146
0,0183
63
0,314
-30
0,40
26,9
0,7
0,905
-56
8,720
141
0,0207
61
0,309
-34
0,44
26,2
0,8
0,889
-61
8,370
138
0,0231
58
0,303
-37
0,48
25,6
0,9
0,876
-67
8,083
134
0,0255
55
0,298
-41
0,50
25,0
1,0
0,866
-73
7,823
130
0,0273
52
0,292
-45
0,51
24,6
1,1
0,857
-79
7,560
126
0,0289
50
0,287
-49
0,53
24,2
1,2
0,848
-85
7,305
122
0,0304
48
0,282
-52
0,55
23,8
1,3
0,839
-90
7,046
118
0,0315
45
0,278
-55
0,58
23,5
1,4
0,832
-96
6,798
114
0,0326
43
0,275
-59
0,60
23,2
1,5
0,826
-100
6,561
111
0,0335
42
0,272
-62
0,62
22,9
1,6
0,819
-105
6,327
108
0,0343
40
0,269
-64
0,65
22,7
1,7
0,813
-109
6,100
104
0,0348
39
0,268
-67
0,68
22,4
1,8
0,807
-114
5,886
101
0,0355
38
0,266
-70
0,71
22,2
1,9
0,804
-118
5,681
98
0,0360
37
0,265
-73
0,73
22,0
2,0
0,800
-121
5,485
95
0,0364
35
0,264
-76
0,76
21,8
2,1
0,796
-125
5,298
93
0,0368
34
0,263
-79
0,79
21,6
2,2
0,793
-129
5,122
90
0,0371
34
0,263
-81
0,82
21,4
2,3
0,790
-132
4,957
87
0,0375
33
0,263
-84
0,84
21,2
2,4
0,788
-135
4,800
85
0,0379
32
0,263
-86
0,87
21,0
2,5
0,785
-138
4,654
82
0,0381
32
0,263
-88
0,90
20,9
2,6
0,784
-141
4,515
80
0,0384
31
0,264
-90
0,93
20,7
2,7
0,782
-144
4,381
78
0,0386
31
0,265
-92
0,95
20,6
2,8
0,780
-147
4,253
75
0,0390
31
0,266
-94
0,98
20,4
2,9
0,778
-149
4,136
73
0,0392
31
0,266
-96
1,01
20,2
19,6
3,0
0,776
-152
4,020
71
0,0394
31
0,267
-98
1,04
20,1
18,9
3,1
0,775
-154
3,912
69
0,0396
30
0,269
-100
1,07
19,9
18,4
3,2
0,774
-156
3,811
67
0,0398
30
0,270
-102
1,09
19,8
17,9
3,3
0,773
-159
3,714
65
0,0401
30
0,272
-104
1,12
19,7
17,6
3,4
0,773
-161
3,621
63
0,0403
30
0,273
-106
1,14
19,5
17,3
3,5
0,772
-163
3,534
61
0,0406
30
0,274
-108
1,16
19,4
17,0
4,0
0,773
-173
3,163
51
0,0421
32
0,285
-116
1,24
18,8
15,8
4,5
0,774
177
2,869
42
0,0446
34
0,301
-125
1,27
18,1
14,9
5,0
0,777
169
2,600
34
0,0480
37
0,321
-134
1,29
17,3
14,1
5,5
0,779
161
2,383
26
0,0522
38
0,343
-143
1,27
16,6
13,5
6,0
0,781
154
2,195
18
0,0574
39
0,366
-151
1,24
15,8
12,9
6,5
0,784
147
2,035
10
0,0642
39
0,392
-159
1,16
15,0
12,6
7,0
0,787
140
1,918
1
0,0711
37
0,413
-166
1,09
14,3
12,5
7,5
0,791
133
1,777
-7
0,0782
35
0,434
-174
1,04
13,6
12,3
8,0
0,796
126
1,672
-15
0,0859
32
0,452
179
0,98
12,9
8,5
0,801
119
1,576
-23
0,0937
28
0,470
171
0,92
12,3
9,0
0,808
111
1,486
-32
0,1019
24
0,490
163
0,87
11,6
9,5
0,816
104
1,404
-40
0,1092
19
0,514
154
0,82
11,1
10,0
0,824
97
1,326
-48
0,1156
15
0,534
145
0,78
10,6
10,5
0,833
90
1,252
-56
0,1216
9
0,555
136
0,75
10,1
11,0
0,842
83
1,181
-64
0,1270
4
0,578
127
0,72
9,7
11,5
0,850
76
1,115
-72
0,1316
-2
0,603
119
0,68
9,3
12,0
0,857
69
1,051
-81
0,1348
-8
0,628
111
0,65
8,9
12,5
0,862
62
0,990
-89
0,1372
-14
0,648
103
0,63
8,6
13,0
0,866
55
0,932
-97
0,1390
-21
0,670
96
0,61
8,3
13,5
0,871
48
0,877
-105
0,1401
-27
0,688
88
0,60
8,0
14,0
0,874
40
0,822
-114
0,1403
-33
0,705
80
0,60
7,7
14,5
0,878
33
0,765
-122
0,1385
-40
0,721
72
0,60
7,4
15,0
0,881
25
0,721
-131
0,1355
-47
0,739
64
0,61
7,3
15,5
0,883
18
0,666
-140
0,1312
-53
0,752
55
0,63
7,1
16,0
0,886
11
0,617
-150
0,1254
-60
0,772
46
0,64
6,9
16,5
0,890
4
0,558
-159
0,1180
-66
0,793
37
0,66
6,7
17,0
0,892
-3
0,510
-169
0,1112
-72
0,814
30
0,67
6,6
17,5
0,897
-8
0,464
-178
0,1049
-80
0,834
21
0,62
6,5
18,0
0,901
-15
0,421
173
0,0994
-86
0,858
13
0,60
6,3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com