Electronic Components Datasheet Search
  English  ▼

X  

STL8DN10LF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL8DN10LF3
Description  Automotive-grade dual N-channel 100 V, 25 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8DN10LF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STL8DN10LF3 Datasheet HTML 1Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 2Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 3Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 4Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 5Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 6Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 7Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 8Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
July 2015
DocID023009 Rev 6
1/15
STL8DN10LF3
Automotive-grade dual N-channel 100 V, 25 m
Ω typ., 7.8 A STripFET™ F3
Power MOSFET in a PowerFLAT™ 5x6 double island package
Datasheet — production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Logic level VGS(th)
• 175 °C maximum junction temperature
• 100% avalanche rated
• Wettable flank package
Applications
• Switching applications
Description
This device is a dual N-channel Power MOSFET
developed using STripFET™ F3 technology. It is
designed to minimize on-resistance and gate
charge to provide superior switching
performance.
Order code
VDS
RDS(on) max
ID
STL8DN10LF3
100 V
35 m
Ω
7.8 A
Table 1. Device summary
Order code
Marking
Packages
Packing
STL8DN10LF3
8DN10LF3
PowerFLAT™ 5x6 double island
Tape and reel
www.st.com


Similar Part No. - STL8DN10LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8DN6LF3 STMICROELECTRONICS-STL8DN6LF3 Datasheet
1Mb / 18P
Automotive-grade dual N-channel 60 V, 22.5 m typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
20-Feb-2014
STL8DN6LF6AG STMICROELECTRONICS-STL8DN6LF6AG Datasheet
939Kb / 16P
Automotive-grade dual N-channel 60 V, 21 mΩ typ., 32 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 DI package
20-Jan-2016
More results

Similar Description - STL8DN10LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N10LF3 STMICROELECTRONICS-STL8N10LF3 Datasheet
850Kb / 13P
N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
17-Jan-2013
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL8DN6LF3 STMICROELECTRONICS-STL8DN6LF3 Datasheet
1Mb / 18P
Automotive-grade dual N-channel 60 V, 22.5 m typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
20-Feb-2014
STL7DN6LF3 STMICROELECTRONICS-STL7DN6LF3 Datasheet
992Kb / 18P
Automotive-grade dual N-channel 60 V, 35 mΩ typ., 6.5 A STripFET™ F3 Power MOSFET in PowerFLAT™ 5x6 double island
23-Feb-2015
STL38DN6F7AG STMICROELECTRONICS-STL38DN6F7AG Datasheet
707Kb / 15P
Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
21-Mar-2018
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL36DN6F7 STMICROELECTRONICS-STL36DN6F7 Datasheet
760Kb / 16P
Dual N-channel 60 V, 23 mΩ typ., 33 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
10-May-2017
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com