Electronic Components Datasheet Search
  English  ▼

X  

STL8DN10LF3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL8DN10LF3
Description  Automotive-grade dual N-channel 100 V, 25 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8DN10LF3 Datasheet(HTML) 4 Page - STMicroelectronics

  STL8DN10LF3 Datasheet HTML 1Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 2Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 3Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 4Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 5Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 6Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 7Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 8Page - STMicroelectronics STL8DN10LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STL8DN10LF3
4/15
DocID023009 Rev 6
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS= 0)
ID = 250 µA
100
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 100 V
1
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1
2.5
V
RDS(on)
Static drain-source on-
resistance
VGS= 10 V, ID= 4 A
25
35
m
Ω
VGS= 5 V, ID= 4 A
40
50
m
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS =25 V, f=1 MHz,
VGS=0
-970
-
pF
Coss
Output capacitance
-
115
-
pF
Crss
Reverse transfer
capacitance
-
11.5
-
pF
Qg
Total gate charge
VDD=50 V, ID = 7.8 A
VGS =10 V
Figure 13
-
20.5
-
nC
Qgs
Gate-source charge
-
4
-
nC
Qgd
Gate-drain charge
-
5
-
nC
RG
Intrinsic gate resistance
f=1 MHz open drain
-
3.65
-
Ω
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD=50 V, ID= 7.8 A,
RG=4.7 Ω, VGS=10 V
Figure 14
-8.7
-
ns
tr
Rise time
-
9.6
-
ns
td(off)
Turn-off delay time
-
50.6
-
ns
tf
Fall time
-
5.2
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com