Electronic Components Datasheet Search
  English  ▼

X  

STL38N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL38N65M5
Description  Low input capacitance and gate charge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL38N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL38N65M5 Datasheet HTML 1Page - STMicroelectronics STL38N65M5 Datasheet HTML 2Page - STMicroelectronics STL38N65M5 Datasheet HTML 3Page - STMicroelectronics STL38N65M5 Datasheet HTML 4Page - STMicroelectronics STL38N65M5 Datasheet HTML 5Page - STMicroelectronics STL38N65M5 Datasheet HTML 6Page - STMicroelectronics STL38N65M5 Datasheet HTML 7Page - STMicroelectronics STL38N65M5 Datasheet HTML 8Page - STMicroelectronics STL38N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STL38N65M5
Electrical ratings
Doc ID 023239 Rev 1
3/17
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
650
V
V
GS
Gate-source voltage
± 25
V
I
D
(1)
1.
The value is rated according to R
thj-case.
and limited by package.
Drain current (continuous) at T
C
= 25 °C
22.5
A
I
D
(1)
Drain current (continuous) at T
C
= 100 °C
16
A
I
DM
(1),(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
90
A
I
D
(3)
3.
When mounted on FR-4 board of inch² , 2oz Cu.
Drain current (continuous) at T
amb
= 25 °C
3.5
A
I
D
(3)
Drain current (continuous) at T
amb
= 100 °C
2.2
A
P
TOT
(3)
Total dissipation at T
amb
= 25 °C
2.8
W
P
TOT
(1)
Total dissipation at T
C
= 25 °C
150
W
I
AR
Avalanche current, repetitive or not-
repetitive (pulse width limited by T
j
max)
7A
E
AS
Single pulse avalanche energy
(starting T
j
= 25 °C, I
D
= I
AR
, V
DD
= 50 V)
660
mJ
dv/dt
(4)
4.
I
SD
≤ 22.5 A, di/dt ≤ 400 A/μs, V
DS(peak)
< V
(BR)DSS,
V
DD
= 400 V
.
Peak diode recovery voltage slope
15
V/ns
T
stg
Storage temperature
- 55 to 150
°C
T
j
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
0.83
°C/W
R
thj-amb
(1)
1.
When mounted on FR-4 board of inch² , 2oz Cu.
Thermal resistance junction-ambient max
45
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com