Electronic Components Datasheet Search
  English  ▼

X  

STL38N65M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL38N65M5
Description  Low input capacitance and gate charge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL38N65M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STL38N65M5 Datasheet HTML 1Page - STMicroelectronics STL38N65M5 Datasheet HTML 2Page - STMicroelectronics STL38N65M5 Datasheet HTML 3Page - STMicroelectronics STL38N65M5 Datasheet HTML 4Page - STMicroelectronics STL38N65M5 Datasheet HTML 5Page - STMicroelectronics STL38N65M5 Datasheet HTML 6Page - STMicroelectronics STL38N65M5 Datasheet HTML 7Page - STMicroelectronics STL38N65M5 Datasheet HTML 8Page - STMicroelectronics STL38N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STL38N65M5
4/17
Doc ID 023239 Rev 1
2
Electrical characteristics
(T
C
= 25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
(BR)DSS
Drain-source
breakdown voltage
I
D
= 1 mA, V
GS
= 0
650
V
I
DSS
Zero gate voltage
drain current (V
GS
= 0)
V
DS
= 650 V
V
DS
= 650 V, T
C
=125 °C
1
100
μA
μA
I
GSS
Gate-body leakage
current (V
DS
= 0)
V
GS
= ± 25 V
±100
nA
V
GS(th)
Gate threshold voltage
V
DS
= V
GS
, I
D
= 250 μA
345
V
R
DS(on)
Static drain-source on-
resistance
V
GS
= 10 V, I
D
= 12.5 A
0.090
0.105
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
iss
C
oss
C
rss
Input capacitance
Output capacitance
Reverse transfer
capacitance
V
DS
= 100 V, f = 1 MHz,
V
GS
= 0
-
3000
74
5.8
-
pF
pF
pF
C
o(er)
(1)
1.
C
o(er)
is a constant capacitance value that gives the same stored energy as C
oss
while V
DS
is rising from 0
to 80% V
DSS
Equivalent output
capacitance energy
related
V
GS
= 0,
V
DS
= 0 to 80% V
(BR)DSS
-70
-
pF
C
o(tr)
(2)
2.
C
o(tr)
is a constant capacitance value that gives the same charging time as C
oss
while V
DS
is rising from 0
to 80% V
DSS
Equivalent output
capacitance time
related
-
244
-
pF
R
G
Intrinsic gate
resistance
f = 1 MHz open drain
-
2.4
-
Ω
Q
g
Q
gs
Q
gd
Total gate charge
Gate-source charge
Gate-drain charge
V
DD
= 520 V, I
D
= 15 A,
V
GS
= 10 V
(see
Figure 16)
-
71
18
30
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com