Electronic Components Datasheet Search
  English  ▼

X  

CLY32 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # CLY32
Description  HiRel C-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLY32 Datasheet(HTML) 7 Page - Infineon Technologies AG

  CLY32 Datasheet HTML 1Page - Infineon Technologies AG CLY32 Datasheet HTML 2Page - Infineon Technologies AG CLY32 Datasheet HTML 3Page - Infineon Technologies AG CLY32 Datasheet HTML 4Page - Infineon Technologies AG CLY32 Datasheet HTML 5Page - Infineon Technologies AG CLY32 Datasheet HTML 6Page - Infineon Technologies AG CLY32 Datasheet HTML 7Page - Infineon Technologies AG CLY32 Datasheet HTML 8Page - Infineon Technologies AG CLY32 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CLY32
Semiconductor Group
7 of 10
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 9 V, ID = 380 mA, Zo = 50 Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22 k-Fact. S21/S12 MAG
[GHz] [mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,845
-115
8,446
110
0,0278
36
0,257
-147
0,54
24,8
0,6
0,830
-120
7,968
107
0,0283
34
0,265
-149
0,61
24,5
0,7
0,817
-125
7,445
104
0,0289
32
0,273
-151
0,69
24,1
0,8
0,807
-131
6,891
101
0,0296
31
0,283
-153
0,76
23,7
0,9
0,804
-137
6,321
96
0,0302
29
0,294
-156
0,82
23,2
1,0
0,809
-144
5,755
91
0,0311
27
0,306
-158
0,84
22,7
1,1
0,812
-150
5,263
86
0,0316
26
0,317
-161
0,89
22,2
1,2
0,814
-156
4,838
81
0,0322
24
0,326
-163
0,93
21,8
1,3
0,815
-160
4,470
77
0,0327
23
0,334
-165
0,98
21,4
1,4
0,815
-164
4,150
73
0,0331
23
0,342
-167
1,04
21,0
19,8
1,5
0,816
-168
3,870
70
0,0335
22
0,350
-168
1,09
20,6
18,8
1,6
0,816
-171
3,621
66
0,0339
22
0,358
-169
1,14
20,3
18,0
1,7
0,817
-175
3,399
63
0,0341
21
0,366
-170
1,19
20,0
17,3
1,8
0,817
-177
3,200
60
0,0345
21
0,375
-171
1,24
19,7
16,7
1,9
0,817
180
3,020
57
0,0348
21
0,385
-172
1,29
19,4
16,1
2,0
0,817
178
2,857
54
0,0353
21
0,395
-173
1,33
19,1
15,6
2,1
0,817
175
2,707
51
0,0357
20
0,405
-174
1,37
18,8
15,2
2,2
0,818
173
2,570
48
0,0361
20
0,415
-175
1,41
18,5
14,7
2,3
0,818
171
2,444
46
0,0366
20
0,424
-176
1,45
18,2
14,3
2,4
0,819
169
2,330
43
0,0370
21
0,433
-178
1,49
18,0
13,9
2,5
0,820
167
2,228
40
0,0376
21
0,441
-179
1,51
17,7
13,5
2,6
0,821
165
2,133
38
0,0381
21
0,448
180
1,55
17,5
13,1
2,7
0,821
163
2,045
35
0,0386
21
0,455
179
1,57
17,2
12,8
2,8
0,821
161
1,963
33
0,0393
22
0,463
178
1,60
17,0
12,5
2,9
0,821
160
1,889
30
0,0399
21
0,471
177
1,62
16,8
12,2
3,0
0,822
158
1,820
28
0,0405
22
0,479
176
1,64
16,5
11,9
3,1
0,822
156
1,755
26
0,0411
22
0,488
175
1,65
16,3
11,6
3,2
0,823
155
1,693
23
0,0419
22
0,498
174
1,65
16,1
11,3
3,3
0,823
153
1,632
21
0,0427
23
0,506
173
1,66
15,8
11,1
3,4
0,824
152
1,575
19
0,0434
23
0,514
172
1,67
15,6
10,8
3,5
0,825
150
1,522
16
0,0447
23
0,523
171
1,66
15,3
10,6
3,6
0,826
148
1,473
14
0,0458
23
0,530
169
1,65
15,1
10,4
3,7
0,827
147
1,430
12
0,0469
22
0,537
168
1,63
14,8
10,2
3,8
0,827
145
1,387
9
0,0482
23
0,545
167
1,62
14,6
10,0
3,9
0,828
144
1,346
7
0,0494
22
0,553
166
1,60
14,4
9,8
4,0
0,829
142
1,308
5
0,0505
22
0,561
164
1,58
14,1
9,7
4,1
0,830
141
1,270
3
0,0515
22
0,569
163
1,57
13,9
9,5
4,2
0,831
139
1,234
1
0,0525
22
0,578
162
1,55
13,7
9,3
4,3
0,831
137
1,198
-2
0,0539
21
0,586
160
1,53
13,5
9,2
4,4
0,833
136
1,163
-4
0,0547
21
0,593
159
1,53
13,3
9,0
4,5
0,834
134
1,128
-6
0,0557
20
0,599
157
1,52
13,1
8,8
4,6
0,835
133
1,094
-8
0,0567
20
0,605
156
1,52
12,9
8,6
4,7
0,836
132
1,065
-10
0,0575
19
0,610
154
1,52
12,7
8,4
4,8
0,837
130
1,042
-12
0,0582
19
0,613
153
1,52
12,5
8,3
4,9
0,838
130
1,022
-13
0,0590
18
0,615
152
1,51
12,4
8,2
5,0
0,839
129
1,007
-15
0,0598
18
0,616
151
1,50
12,3
8,1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com