Electronic Components Datasheet Search
  English  ▼

X  

CLY35 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # CLY35
Description  HiRel C-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLY35 Datasheet(HTML) 4 Page - Infineon Technologies AG

  CLY35 Datasheet HTML 1Page - Infineon Technologies AG CLY35 Datasheet HTML 2Page - Infineon Technologies AG CLY35 Datasheet HTML 3Page - Infineon Technologies AG CLY35 Datasheet HTML 4Page - Infineon Technologies AG CLY35 Datasheet HTML 5Page - Infineon Technologies AG CLY35 Datasheet HTML 6Page - Infineon Technologies AG CLY35 Datasheet HTML 7Page - Infineon Technologies AG CLY35 Datasheet HTML 8Page - Infineon Technologies AG CLY35 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CLY35
Semiconductor Group
4 of 9
Draft D, September 99
Electrical Characteristics (continued)
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Linear power gain
1)
VDS = 9 V, ID = 720 mA, f = 2.3 GHz,
Pin = 0 dBm
Glp
dB
CLY35-00
10.0
11.0
-
CLY35-05
10.5
11.2
-
CLY35-10
10.5
11.2
-
Output power at 1dB gain compr.
1)
VDS = 9 V, ID(RF off) = 720 mA, f = 2.3 GHz
P1dB
dBm
CLY35-00
34.5
34.8
-
CLY35-05
35
35.3
-
CLY35-10
35.5
35.8
-
Output power
1)
VDS = 9 V, ID(RF off) = 720 mA, f = 2.3 GHz,
Pin = 25 dBm
Pout
dBm
CLY35-00
-
34.8
-
CLY35-05
-
35.3
-
CLY35-10
-
35.8
-
Power added efficiency
1), 2)
VDS = 9 V, ID(RF off) = 720 mA, f = 2.3 GHz,
@ 1dB gain compression
PAE
%
CLY35-00
40
47
-
CLY35-05
45
50
-
CLY35-10
45
53
-
Notes.:
1) RF Power characteristics given for power matching conditions
2) Power added efficiency: PAE = (PRFout - PRFin) / PDC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com