Electronic Components Datasheet Search
  English  ▼

X  

CLY35 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CLY35
Description  HiRel C-Band GaAs Power-MESFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLY35 Datasheet(HTML) 6 Page - Infineon Technologies AG

  CLY35 Datasheet HTML 1Page - Infineon Technologies AG CLY35 Datasheet HTML 2Page - Infineon Technologies AG CLY35 Datasheet HTML 3Page - Infineon Technologies AG CLY35 Datasheet HTML 4Page - Infineon Technologies AG CLY35 Datasheet HTML 5Page - Infineon Technologies AG CLY35 Datasheet HTML 6Page - Infineon Technologies AG CLY35 Datasheet HTML 7Page - Infineon Technologies AG CLY35 Datasheet HTML 8Page - Infineon Technologies AG CLY35 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CLY35
Semiconductor Group
6 of 9
Draft D, September 99
Typical Common Source S-Parameters (continued)
VDS = 5 V, ID = 720 mA, Zo = 50 Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22 k-Fact. S21/S12 MAG
[GHz] [mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[ang]
[mag]
[dB]
[dB]
0,5
0,886
-158
4,631
89
0,0216
14
0,734
173
0,53
23,3
0,6
0,879
-161
4,325
87
0,0216
13
0,736
172
0,60
23,0
0,7
0,873
-166
3,992
85
0,0217
12
0,739
170
0,68
22,6
0,8
0,870
-170
3,640
81
0,0217
10
0,742
169
0,77
22,2
0,9
0,872
-175
3,277
77
0,0217
9
0,746
167
0,84
21,8
1,0
0,879
179
2,911
72
0,0220
7
0,750
165
0,87
21,2
1,1
0,883
174
2,612
68
0,0221
5
0,753
163
0,91
20,7
1,2
0,887
170
2,366
63
0,0222
3
0,755
161
0,96
20,3
1,3
0,890
166
2,160
59
0,0226
2
0,757
159
1,00
19,8
19,5
1,4
0,892
162
1,984
56
0,0228
1
0,758
157
1,06
19,4
17,9
1,5
0,893
159
1,835
52
0,0231
-1
0,759
156
1,11
19,0
17,0
1,6
0,895
155
1,705
48
0,0230
-2
0,759
154
1,18
18,7
16,2
1,7
0,895
152
1,591
45
0,0235
-3
0,761
152
1,23
18,3
15,4
1,8
0,895
149
1,491
41
0,0238
-4
0,763
151
1,28
18,0
14,8
1,9
0,894
146
1,402
38
0,0239
-4
0,766
150
1,35
17,7
14,1
2,0
0,893
144
1,322
35
0,0238
-5
0,770
148
1,43
17,4
13,6
2,1
0,892
141
1,249
32
0,0241
-5
0,773
147
1,48
17,1
13,0
2,2
0,891
139
1,181
29
0,0240
-5
0,777
146
1,56
16,9
12,5
2,3
0,891
136
1,120
26
0,0240
-6
0,781
144
1,63
16,7
12,0
2,4
0,890
134
1,063
23
0,0239
-6
0,784
143
1,71
16,5
11,6
2,5
0,890
132
1,012
20
0,0240
-6
0,788
141
1,77
16,2
11,2
2,6
0,890
130
0,965
18
0,0239
-7
0,790
140
1,84
16,1
10,8
2,7
0,889
128
0,922
15
0,0237
-8
0,793
139
1,93
15,9
10,4
2,8
0,888
126
0,883
12
0,0241
-9
0,794
137
1,97
15,6
10,0
2,9
0,888
124
0,849
9
0,0244
-9
0,797
136
2,01
15,4
9,7
3,0
0,887
122
0,817
7
0,0243
-10
0,799
135
2,07
15,3
9,4
3,1
0,886
120
0,786
4
0,0244
-11
0,802
134
2,13
15,1
9,1
3,2
0,885
118
0,758
2
0,0248
-12
0,805
133
2,15
14,9
8,8
3,3
0,884
116
0,731
-1
0,0248
-13
0,808
132
2,20
14,7
8,5
3,4
0,883
114
0,705
-3
0,0251
-14
0,810
131
2,24
14,5
8,2
3,5
0,882
112
0,681
-6
0,0252
-14
0,814
130
2,30
14,3
7,9
3,6
0,881
111
0,658
-8
0,0255
-15
0,816
129
2,33
14,1
7,6
3,7
0,880
109
0,637
-11
0,0256
-16
0,819
127
2,38
14,0
7,4
3,8
0,879
107
0,617
-13
0,0255
-17
0,822
126
2,45
13,8
7,1
3,9
0,876
105
0,600
-16
0,0258
-17
0,825
125
2,49
13,7
6,9
4,0
0,874
104
0,584
-18
0,0264
-18
0,827
124
2,51
13,4
6,6
4,1
0,872
102
0,568
-20
0,0266
-19
0,830
123
2,55
13,3
6,4
4,2
0,870
100
0,554
-22
0,0269
-19
0,833
122
2,58
13,1
6,2
4,3
0,867
99
0,541
-25
0,0273
-20
0,836
121
2,61
13,0
6,0
4,4
0,865
97
0,528
-27
0,0277
-22
0,838
120
2,65
12,8
5,7
4,5
0,861
95
0,515
-29
0,0284
-23
0,839
119
2,69
12,6
5,4
4,6
0,858
94
0,503
-31
0,0287
-23
0,838
118
2,78
12,4
5,1
4,7
0,856
92
0,493
-33
0,0293
-23
0,837
117
2,85
12,3
4,8
4,8
0,854
91
0,484
-34
0,0296
-24
0,835
116
2,93
12,1
4,6
4,9
0,853
90
0,477
-36
0,0298
-24
0,834
115
2,99
12,0
4,4
5,0
0,852
89
0,471
-37
0,0299
-25
0,831
114
3,08
12,0
4,2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com