Electronic Components Datasheet Search
  English  ▼

X  

STTH1R06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R06-Y
Description  Automotive Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R06-Y Datasheet HTML 1Page - STMicroelectronics STTH1R06-Y Datasheet HTML 2Page - STMicroelectronics STTH1R06-Y Datasheet HTML 3Page - STMicroelectronics STTH1R06-Y Datasheet HTML 4Page - STMicroelectronics STTH1R06-Y Datasheet HTML 5Page - STMicroelectronics STTH1R06-Y Datasheet HTML 6Page - STMicroelectronics STTH1R06-Y Datasheet HTML 7Page - STMicroelectronics STTH1R06-Y Datasheet HTML 8Page - STMicroelectronics STTH1R06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
August 2014
DocID026713 Rev 1
1/9
STTH1R06-Y
Automotive Turbo 2 ultrafast high voltage rectifier
Datasheet
- production data
Features
• Ultrafast recovery
• Low switching losses
• High surge capability
• Low leakage current
• High junction temperature
• AEC-Q101 qualified
• ECOPACK®2 compliant component
• VRRM guaranteed from -40 to +175 °C
Description
The STTH1R06-Y is an ultrafast recovery power
rectifier dedicated to energy recovery in
automotive application housed in SMBflat to
improve space saving.
It is especially designed for clamping function in
energy recovery block.
The compromise between forward voltage drop
and recovery time offers optimized performances.
K
A
SMBflat
K
A
Table 1. Device summary
Symbol
Value
IF(AV)
1 A
VRRM
600 V
Tj (max)
175 °C
VF (typ)
1.1 V
Trr (typ)
30 ns
www.st.com


Similar Part No. - STTH1R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
316Kb / 10P
Automotive 1 A - 600 V turbo 2 ultrafast rectifier
26-Apr-2022
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y_V01 Datasheet
316Kb / 10P
Automotive 1 A - 600 V turbo 2 ultrafast rectifier
26-Apr-2022
More results

Similar Description - STTH1R06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
Automotive turbo 2 ultrafast high voltage rectifier
20-Nov-2018
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com