Electronic Components Datasheet Search
  English  ▼

X  

STTH1R06-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1R06-Y
Description  Automotive Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1R06-Y Datasheet HTML 1Page - STMicroelectronics STTH1R06-Y Datasheet HTML 2Page - STMicroelectronics STTH1R06-Y Datasheet HTML 3Page - STMicroelectronics STTH1R06-Y Datasheet HTML 4Page - STMicroelectronics STTH1R06-Y Datasheet HTML 5Page - STMicroelectronics STTH1R06-Y Datasheet HTML 6Page - STMicroelectronics STTH1R06-Y Datasheet HTML 7Page - STMicroelectronics STTH1R06-Y Datasheet HTML 8Page - STMicroelectronics STTH1R06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DocID026713 Rev 1
3/9
STTH1R06-Y
Characteristics
9
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Forward voltage drop versus forward
current (typical values)
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
T
δ=tp/T
tp
IF(AV)(A)
PF(AV)(W)
δ = 1
δ = 0.05 δ = 0.1 δ = 0.2
δ = 0.5
IF(A)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V(V)
F
T = 25°C
j
T = 150°C
j
Figure 3. Forward voltage drop versus forward
current (maximum values)
Figure 4. Relative variation of thermal
impedance junction to lead versus pulse
duration
IF(A)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 150°C
j
T = 25°C
j
V(V)
F
Zth(j- )/Rth(j- )
ll
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
tp(s)
Figure 5. Peak reverse recovery current versus
dIF/dt (typical values)
Figure 6. Reverse recovery time versus dIF/dt
(typical values)
I(A)
RM
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
250
300
350
400
450
500
V = 400 V
R
T = 125 °C
j
I = 0.25 x I (av)
FF
I = 2 x I (av)
FF
I = I (av)
FF
I = 0.5 x I (av)
FF
dI /dt A/µ
F
(s)
tns
RR()
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
50
100
150
200
250
300
350
400
450
500
dI /dt A/µ
F
(s)
I = 2 x I (av)
FF
I = I (av)
FF
I = 0.5 x I (av)
FF
V = 400 V
R
T = 125 °C
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com