Electronic Components Datasheet Search
  English  ▼

X  

STTH8R03DJF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8R03DJF
Description  Ultrafast recovery diode high efficiency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R03DJF Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8R03DJF Datasheet HTML 1Page - STMicroelectronics STTH8R03DJF Datasheet HTML 2Page - STMicroelectronics STTH8R03DJF Datasheet HTML 3Page - STMicroelectronics STTH8R03DJF Datasheet HTML 4Page - STMicroelectronics STTH8R03DJF Datasheet HTML 5Page - STMicroelectronics STTH8R03DJF Datasheet HTML 6Page - STMicroelectronics STTH8R03DJF Datasheet HTML 7Page - STMicroelectronics STTH8R03DJF Datasheet HTML 8Page - STMicroelectronics STTH8R03DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
March 2012
Doc ID 022762 Rev 1
1/9
9
STTH8R03DJF
Ultrafast recovery diode high efficiency
Datasheet
− production data
Features
■
Suited for DC/DC converts
■
Low losses
■
High TJ
■
High surge current capability
■
High energy avalanche capability
■
1 mm package thickness
■
ECOPACK®2 compliant component
Description
High performance diode suited for high frequency
DC to DC converters. Packaged in PowerFLAT™
5x6, this device is intended for use in low voltage
high frequency inverters.
TM: PowerFLAT is a trademark of STMicroelectronics
Table 1.
Device summary
Symbol
Value
IF(AV)
8 A
VRRM
300 V
Tj
175 °C
VF (typ)
0.8 V
trr (typ)
27 ns
K
K
K
A(1)
A(2)
A(1)
A(2)
A(2)
A(1)
PowerFLAT 5x6
STTH8R03DJF
www.st.com


Similar Part No. - STTH8R03DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R03D STMICROELECTRONICS-STTH8R03D Datasheet
86Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
STTH8R03D STMICROELECTRONICS-STTH8R03D Datasheet
90Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
More results

Similar Description - STTH8R03DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH30R02DJF STMICROELECTRONICS-STTH30R02DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
March 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com