Electronic Components Datasheet Search
  English  ▼

X  

STTH8R03DJF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8R03DJF
Description  Ultrafast recovery diode high efficiency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R03DJF Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8R03DJF Datasheet HTML 1Page - STMicroelectronics STTH8R03DJF Datasheet HTML 2Page - STMicroelectronics STTH8R03DJF Datasheet HTML 3Page - STMicroelectronics STTH8R03DJF Datasheet HTML 4Page - STMicroelectronics STTH8R03DJF Datasheet HTML 5Page - STMicroelectronics STTH8R03DJF Datasheet HTML 6Page - STMicroelectronics STTH8R03DJF Datasheet HTML 7Page - STMicroelectronics STTH8R03DJF Datasheet HTML 8Page - STMicroelectronics STTH8R03DJF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH8R03DJF
4/9
Doc ID 022762 Rev 1
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
Figure 5.
Reverse recovery time versus dIF/dt
(typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tP(S)
Zth(j-c)/Rth(j-c)
0
2
4
6
8
10
12
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=200 V
Tj=125 °C
IRM(A)
dIF/dt(A/µs)
0
10
20
30
40
50
60
70
80
90
100
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=200 V
Tj=125 °C
dIF/dt(A/µs)
TRR(ns)
QRR(nC)
0
20
40
60
80
100
120
140
160
180
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=200 V
Tj=125 °C
dIF/dt(A/µs)
Figure 7.
Softness factor versus dIF/dt
(typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
SFACTOR
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
200
250
300
350
400
450
500
IF=IF(AV)
VR=200 V
Tj=125 °C
dIF/dt(A/µs)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
25
50
75
100
125
IF=IF(AV)
VR=200 V
Reference: Tj=125 °C
IRM
SFACTOR
QRR
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com