Electronic Components Datasheet Search
  English  ▼

X  

EMIF02-01OABRY Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF02-01OABRY
Description  IPAD integrated low pass filter with ESD protection for BroadR Reach interface in automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-01OABRY Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF02-01OABRY Datasheet HTML 1Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 2Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 3Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 4Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 5Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 6Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 7Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
September 2015
DocID028302 Rev 1
1/8
EMIF02-01OABRY
IPAD™ integrated low pass filter with ESD protection for
BroadR Reach™ interface in automotive
Datasheet
- production data
Features
• Attenuation profile compliant with
BroadR Reach™ requirements from -40 °C to
125 °C
• Return loss (Sdd11) at 60 MHz: -20dB
• Components matching: 1% (between line 1
and 2)
• Package:
– Dimensions: 3.0 x 3.0 mm
– Pitch: 1.1 µm
– Wettable flank QFN
• AEC-Q101 compliant
Complies with the following standards
• IEC 61000-4-2 exceeds level 4 (330 Ω /
150 pF):
– 15 kV (air discharge)
– 15 kV (contact discharge)
• ISO 10605 (330 Ω / 330 pF):
– 15 kV (air discharge)
– 15kV (contact discharge)
• ISO 7637-3:
– Pulse 3a: -150 V
– Pulse 3b: +100 V
Description
The EMIF02-01OABRY is a highly integrated
solution designed to suppress EMI noise in
BroadR Reach™ interfaces in automotive
applications. This low pass filter includes a 15 kV
ISO10605 protection and is housed in a
3 x 3 mm² wettable flanks QFN.
Figure 1. EMIF02-01OABRY equivalent circuit
TM: IPAD is a trademark of STMicroelectronics.
QFN
www.st.com


Similar Part No. - EMIF02-01OABRY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-02OABRY STMICROELECTRONICS-EMIF02-02OABRY Datasheet
1Mb / 11P
IPAD automotive grade integrated protected low pass filter for BroadR Reach interface
24-Jun-2016
More results

Similar Description - EMIF02-01OABRY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6 Datasheet
323Kb / 10P
2-line IPAD, EMI filter and ESD protection for microphone
13-Feb-2008
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
2-line IPAD, EMI filter with ESD protection
28-Apr-2008
EMIF04-EAR02M8 STMICROELECTRONICS-EMIF04-EAR02M8 Datasheet
481Kb / 12P
4-line IPAD??EMI filter and ESD protection for headset
24-Mar-2009
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
01-Feb-2012
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6_11 Datasheet
330Kb / 11P
2-line IPAD?? EMI filter and ESD protection for microphone
27-May-2011
EMIF02-SPK01M6 STMICROELECTRONICS-EMIF02-SPK01M6 Datasheet
165Kb / 11P
2-line IPAD?? EMI filter and ESD protection for speaker
21-Sep-2009
logo
Keysight Technologies
N6467A KEYSIGHT-N6467A Datasheet
1Mb / 14P
BroadR-Reach Automotive Ethernet
logo
STMicroelectronics
EMIF02-02OABRY STMICROELECTRONICS-EMIF02-02OABRY Datasheet
1Mb / 11P
IPAD automotive grade integrated protected low pass filter for BroadR Reach interface
24-Jun-2016
logo
Broadcom Corporation.
BCM89811 BOARDCOM-BCM89811 Datasheet
112Kb / 1P
BroadR-Reach Single-Port Automotive Ethernet RGMII Transceiver
BCM89810 BOARDCOM-BCM89810 Datasheet
291Kb / 2P
SINGLE-PORT BroadR-Reach™ AUTOMOTIVE ETHERNET TRANSCEIVER
October 6, 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com