Electronic Components Datasheet Search
  English  ▼

X  

ISO721DR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721DR
Description  Single Channel High-Speed Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO721DR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO721DR Datasheet HTML 9Page - Texas Instruments ISO721DR Datasheet HTML 10Page - Texas Instruments ISO721DR Datasheet HTML 11Page - Texas Instruments ISO721DR Datasheet HTML 12Page - Texas Instruments ISO721DR Datasheet HTML 13Page - Texas Instruments ISO721DR Datasheet HTML 14Page - Texas Instruments ISO721DR Datasheet HTML 15Page - Texas Instruments ISO721DR Datasheet HTML 16Page - Texas Instruments ISO721DR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ISO721, ISO721M, ISO722, ISO722M
www.ti.com
SLLS629L – JANUARY 2006 – REVISED OCTOBER 2015
7.13 Switching Characteristics, 3.3 V
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay, low-to-high-level output
17
20
34
ns
tPHL
Propagation delay , high-to-low-level output
ISO72x
17
20
34
ns
tsk(p)
Pulse skew |tPHL – tPLH|
0.5
3
ns
EN at 0 V,
See Figure 10
tPLH
Propagation delay, low-to-high-level output
10
12
25
ns
tPHL
Propagation delay, high-to-low-level output
ISO72xM
10
12
25
ns
tsk(p)
Pulse skew |tPHL – tPLH|
0.5
1
ns
tsk(pp)
(1)
Part-to-part skew
0
5
ns
tr
Output signal rise time
2
EN at 0 V,
ns
See Figure 10
tf
Output signal fall time
2
Sleep-mode propagation delay,
tpHZ
7
13
25
ns
high-level-to-high-mpedance output
See Figure 11
Sleep-mode propagation delay,
tpZH
5
6
8
µs
high-impedance-to-high-level output
ISO722
ISO722M
Sleep-mode propagation delay,
tpLZ
7
13
25
ns
low-level-to-high-impedance output
See Figure 12
Sleep-mode propagation delay,
tpZL
5
6
8
μs
high-impedance-to-low-level output
tfs
Failsafe output delay time from input power loss
See Figure 13
3
μs
100-Mbps NRZ data input, See Figure 15
2
ISO72x
100-Mbps unrestricted bit run length data
3
input, See Figure 15
tjit(PP)
Peak-to-peak eye-pattern jitter
ns
150-Mbps NRZ data input, See Figure 15
1
ISO72xM 150-Mbps unrestricted bit run length data
2
input, See Figure 15
(1)
tsk(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com