Electronic Components Datasheet Search
  English  ▼

X  

ISO721MD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721MD
Description  Single Channel High-Speed Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO721MD Datasheet(HTML) 2 Page - Texas Instruments

  ISO721MD Datasheet HTML 1Page - Texas Instruments ISO721MD Datasheet HTML 2Page - Texas Instruments ISO721MD Datasheet HTML 3Page - Texas Instruments ISO721MD Datasheet HTML 4Page - Texas Instruments ISO721MD Datasheet HTML 5Page - Texas Instruments ISO721MD Datasheet HTML 6Page - Texas Instruments ISO721MD Datasheet HTML 7Page - Texas Instruments ISO721MD Datasheet HTML 8Page - Texas Instruments ISO721MD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ISO721, ISO721M, ISO722, ISO722M
SLLS629L – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Parameter Measurement Information ................ 15
2
Applications ........................................................... 1
9
Detailed Description ............................................ 18
9.1
Overview ................................................................. 18
3
Description ............................................................. 1
9.2
Functional Block Diagram ....................................... 18
4
Revision History..................................................... 2
9.3
Features Description ............................................... 19
5
Device Comparison Table..................................... 4
9.4
Device Functional Modes........................................ 21
6
Pin Configuration and Functions ......................... 4
10
Application and Implementation........................ 22
7
Specifications......................................................... 5
10.1
Application Information.......................................... 22
7.1
Absolute Maximum Ratings ..................................... 5
10.2
Typical Application ................................................ 22
7.2
ESD Ratings ............................................................ 5
11
Power Supply Recommendations ..................... 24
7.3
Recommended Operating Conditions ....................... 5
12
Layout................................................................... 24
7.4
Thermal Information .................................................. 6
12.1
Layout Guidelines ................................................. 24
7.5
Electrical Characteristics, 5 V ................................... 6
12.2
Layout Example .................................................... 25
7.6
Electrical Characteristics, 5 V, 3.3 V......................... 7
13
Device and Documentation Support ................. 26
7.7
Electrical Characteristics, 3.3 V, 5 V......................... 7
13.1
Documentation Support ....................................... 26
7.8
Electrical Characteristics, 3.3 V ............................... 8
13.2
Related Links ........................................................ 26
7.9
Power Dissipation ..................................................... 8
13.3
Trademarks ........................................................... 26
7.10
Switching Characteristics, 5 V ................................ 9
13.4
Electrostatic Discharge Caution ............................ 26
7.11
Switching Characteristics, 5 V, 3.3 V.................... 10
13.5
Glossary ................................................................ 26
7.12
Switching Characteristics, 3.3 V, 5 V.................... 11
7.13
Switching Characteristics, 3.3 V .......................... 12
14
Mechanical, Packaging, and Orderable
Information ........................................................... 26
7.14
Typical Characteristics .......................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (February 2012) to Revision L
Page
•
Moved Power Dissipation metric into new table, called Power Dissipation .......................................................................... 8
•
Added header row above "VIORM" row with the text "DIN V VDE V 0884-10 (VDE V 0884-10):2006-12" in the
Insulation Characteristics table............................................................................................................................................. 19
•
Added "UL 1577" header row over "VISO" row in the Insulation Characteristics table. ........................................................ 19
•
Moved "VISO" row to the bottom of the Insulation Characteristics table. ............................................................................. 19
•
Deleted "per UL" in "Isolation voltage" in the Insulation Characteristics table. ................................................................... 19
•
Changed the D-8 MIN value of L(101) from "4.8" to "4" in the Package Insulation Characteristics table. ......................... 20
•
Changed the D-8 MIN value of L(102) from "4.3" to "4" in the Package Insulation Characteristics table. ......................... 20
•
Changed Test Condition "DIN IEC 60112/VDE 0303 Part 1" to "DIN EN 60112 (VDE 0303-11); IEC 60112" in the
Package Insulation Characteristics table. ............................................................................................................................ 20
•
Deleted bottom row of the Package Insulation Characteristics table. ................................................................................. 20
Changes from Revision J (July 2010) to Revision K
Page
•
Added ESD Rating table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information............................................................................................................... 1
•
Changed the Title From: 3.3-V / 5-V High-Speed Digital Isolators To: ISO72x Single Channel High-Speed Digital
Isolators .................................................................................................................................................................................. 1
•
Changed the Features List .................................................................................................................................................... 1
•
Changed the second paragraph of the Description From: "4000 V" To: "4000 VPK per VDE..."............................................ 1
•
Changed the Thermal Information table ................................................................................................................................. 6
•
Changed Figure 1 ................................................................................................................................................................. 13
•
Changed the Basic isolation group Specification From: IIIa To: II in IEC 60664-1 Ratings Table....................................... 19
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com