Electronic Components Datasheet Search
  English  ▼

X  

ISO721MD Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721MD
Description  Single Channel High-Speed Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO721MD Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO721MD Datasheet HTML 17Page - Texas Instruments ISO721MD Datasheet HTML 18Page - Texas Instruments ISO721MD Datasheet HTML 19Page - Texas Instruments ISO721MD Datasheet HTML 20Page - Texas Instruments ISO721MD Datasheet HTML 21Page - Texas Instruments ISO721MD Datasheet HTML 22Page - Texas Instruments ISO721MD Datasheet HTML 23Page - Texas Instruments ISO721MD Datasheet HTML 24Page - Texas Instruments ISO721MD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
0
75
50
25
100
125
150
175
200
0
50
100
150
200
CaseTemperature
C
o
−
V
,
=3.6V
CC1 VCC2
V
,V
=5.5V
CC1
CC2
ISO721, ISO721M, ISO722, ISO722M
www.ti.com
SLLS629L – JANUARY 2006 – REVISED OCTOBER 2015
9.3.4 Package Insulation Characteristics
PARAMETER
DESCRIPTIONS / TEST CONDITIONS
MIN
TYP
MAX
UNIT
D-8
4
L(101)
Minimum air gap (clearance)(1)
Shortest terminal-to-terminal distance through air
mm
DUB-8
6.1
D-8
4
Minimum external tracking
Shortest terminal-to-terminal distance across the
L(102)
mm
(creepage)(1)
package surface
DUB-8
6.8
Tracking resistance (comparative
CTI
DIN EN 60112 (VDE 0303-11); IEC 60112
400
V
tracking index)
DTI
Distance through insulation
Minimum internal gap (internal clearance)
0.008
mm
Input to output, VIO = 500 V; all pins on each side of the
1012
Ω
barrier tied together, creating a two-terminal device; TA = 25°C
RIO
Isolation resistance
Input to output, VIO = 500 V,
1011
Ω
100°C
≤ TA< TA max.
Barrier capacitance
CIO
VI = 0.4 sin (4 × 10
6πt)
1
pF
Input-to-output
(1)
Creepage and clearance requirements are applied according to the specific equipment isolation standards of an application. Maintain
the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the printed circuit board do
not reduce this distance.
Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation
Glossary in the Related Documentation section. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to
help increase these specifications.
9.3.5 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the I/O can allow low resistance to ground or the supply, and without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier, potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA = 263°C/W, VI = 5.5 V, TJ = 170°C, TA = 25°C
100
IS
Safety input, output, or supply current
mA
θJA = 263°C/W, VI = 3.6 V, TJ = 170°C, TA = 25°C
153
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The junction-to-air thermal resistance in the Thermal
Information table is that of a device installed in the JESD51-3, Low Effective Thermal Conductivity Test Board for
Leaded Surface Mount Packages and is conservative.
Figure 16.
θJC Thermal Derating Curve per VDE
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com