Electronic Components Datasheet Search
  English  ▼

X  

LSM6DS3HTR Datasheet(PDF) 69 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 65Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 66Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 67Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 68Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 69Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 70Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 71Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 72Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
DocID028370 Rev 4
69/104
LSM6DS3H
Register description
104
9.33
OUTZ_H_G (27h)
Angular rate sensor Yaw axis (Z) angular rate output register (r). The value is expressed as
a 16-bit word in two’s complement.
If this register is read by the primary interface, data are according to the full scale and ODR
settings (CTRL2_G (11h)) of gyro user interface.
If this register is read by the auxiliary interface, data are according to the full scale (250 dps)
and ODR (3.33 kHz) settings of the OIS gyro.
9.34
OUTX_L_XL (28h)
Linear acceleration sensor X-axis output register (r). The value is expressed as a 16-bit
word in two’s complement.
9.35
OUTX_H_XL (29h)
Linear acceleration sensor X-axis output register (r). The value is expressed as a 16-bit
word in two’s complement.
Table 99. OUTZ_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 100. OUTZ_H_G register description
D[15:8]
Yaw axis (Z) angular rate value (MSbyte)
D[15:0] expressed in two’s complement and its value depends on the interface used:
SPI1/I2C: Gyro UI chain yaw axis output
SPI2: Gyro OIS chain yaw axis output
Table 101. OUTX_L_XL register
D7
D6
D5
D4
D3
D2
D1
D0
Table 102. OUTX_L_XL register description
D[7:0]
X-axis linear acceleration value (LSbyte)
Table 103. OUTX_H_XL register
D15
D14
D13
D12
D11
D10
D9
D8
Table 104. OUTX_H_XL register description
D[15:8]
X-axis linear acceleration value (MSbyte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com