Electronic Components Datasheet Search
  English  ▼

X  

LSM6DS3HTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 45Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 46Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 47Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 48Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 49Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 50Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 51Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 52Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 104 page
background image
DocID028370 Rev 4
49/104
LSM6DS3H
Register description
104
9.4
FIFO_CTRL2 (07h)
FIFO control register (r/w).
Table 24. FIFO_CTRL2 register description
9.5
FIFO_CTRL3 (08h)
FIFO control register (r/w).
Table 26. FIFO_CTRL3 register description
Table 23. FIFO_CTRL2 register
TIMER_PEDO
_FIFO_EN
TIMER_PEDO
_FIFO_DRDY
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
FTH_11
FTH10
FTH_9
FTH_8
TIMER_PEDO
_FIFO_EN
Enable pedometer step counter and timestamp as 4th FIFO data set. Default: 0
(0: disable step counter and timestamp data as 4th FIFO data set;
1: enable step counter and timestamp data as 4th FIFO data set)
TIMER_PEDO
_FIFO_DRDY
FIFO write mode(1). Default: 0
(0: enable write in FIFO based on XL/Gyro data-ready;
1: enable write in FIFO at every step detected by step counter.)
1. This bit is effective if the DATA_VALID_SEL_FIFO bit of the MASTER_CONFIG (1Ah) register is set to 0.
FTH_[11:8]
FIFO threshold level setting(2). Default value: 0000
Watermark flag rises when the number of bytes written to FIFO after the next
write is greater than or equal to the threshold level.
Minimum resolution for the FIFO is 1LSB = 2 bytes (1 word) in FIFO
2. For a complete watermark threshold configuration, consider FTH_[7:0] in FIFO_CTRL1 (06h)
Table 25. FIFO_CTRL3 register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
DEC_FIFO
_GYRO2
DEC_FIFO
_GYRO1
DEC_FIFO
_GYRO0
DEC_FIFO
_XL2
DEC_FIFO
_XL1
DEC_FIFO
_XL0
DEC_FIFO_GYRO [2:0]
Gyro FIFO (first data set) decimation setting. Default: 000
For the configuration setting, refer to Table 27.
DEC_FIFO_XL [2:0]
Accelerometer FIFO (second data set) decimation setting. Default: 000
For the configuration setting, refer to Table 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com