Electronic Components Datasheet Search
  English  ▼

X  

ISO7220AD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220AD
Description  Dual Channel Digital Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7220AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7220AD Datasheet HTML 5Page - Texas Instruments ISO7220AD Datasheet HTML 6Page - Texas Instruments ISO7220AD Datasheet HTML 7Page - Texas Instruments ISO7220AD Datasheet HTML 8Page - Texas Instruments ISO7220AD Datasheet HTML 9Page - Texas Instruments ISO7220AD Datasheet HTML 10Page - Texas Instruments ISO7220AD Datasheet HTML 11Page - Texas Instruments ISO7220AD Datasheet HTML 12Page - Texas Instruments ISO7220AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
www.ti.com
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
6.6 Electrical Characteristics, 5 V, 3.3 V
VCC1 at 5 V ± 10%, VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISO7220x
1
2
Quiescent
VI = VCC or 0 V, no load
mA
ISO7221x
8.5
17
ISO7220A, ISO7220B
2
3
0.5 MHz Input Clock Signal, no
ICC1
1 Mbps
mA
load
ISO7221A, ISO7221B
10
18
ISO7220C, ISO7220M
4
9
12.5 MHz Input Clock Signal,
25 Mbps
mA
no load
ISO7221C, ISO7221M
12
22
ISO7220x
8
18
Quiescent
VI = VCC or 0 V, no load
mA
ISO7221x
4.3
9.5
ISO7220A, ISO7220B
9
19
0.5 MHz Input Clock Signal, no
ICC2
1 Mbps
mA
load
ISO7221A, ISO7221B
5
11
ISO7220C, ISO7220M
10
20
12.5 MHz Input Clock Signal,
25 Mbps
mA
no load
ISO7221C, ISO7221M
6
12
ISO7220x, ISO7221x
VCC – 0.4
(3.3-V side)
IOH = –4 mA, See Figure 13
VOH
High-level output voltage
V
ISO7221x (5-V side)
VCC – 0.8
All devices
IOH = –20 μA, See Figure 13
VCC – 0.1
IOL = 4 mA, See Figure 13
0.4
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 13
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
IN from 0 V to VCC
10
μA
IIL
Low-level input current
IN from 0 V to VCC
–10
μA
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 15
15
40
kV/
μs
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com