Electronic Components Datasheet Search
  English  ▼

X  

ISO7220AD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220AD
Description  Dual Channel Digital Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7220AD Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7220AD Datasheet HTML 12Page - Texas Instruments ISO7220AD Datasheet HTML 13Page - Texas Instruments ISO7220AD Datasheet HTML 14Page - Texas Instruments ISO7220AD Datasheet HTML 15Page - Texas Instruments ISO7220AD Datasheet HTML 16Page - Texas Instruments ISO7220AD Datasheet HTML 17Page - Texas Instruments ISO7220AD Datasheet HTML 18Page - Texas Instruments ISO7220AD Datasheet HTML 19Page - Texas Instruments ISO7220AD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Temperature-°C
125
-40
-15
10
35
60
85
110
V
CC =3.3V
V
CC =5V
15pFLoad
t
pLH &tpHL
t
pLH &tpHL
0
5
10
15
20
25
30
Temperature-°C
125
-40
-15
10
35
60
85
110
V
CC =3.3V
V
CC =5V
15pFLoad
t
pLH &tpHL
t
pLH &tpHL
0
5
10
15
20
Temperature-°C
125
350
360
370
380
390
400
410
420
430
440
450
-40
-15
10
35
60
85
110
V
CC =3.3V
V
CC =5V
15pFLoad
t
pLH &tpHL
t
pLH &tpHL
45
50
55
60
65
70
-40
25
125
Temperature-°C
V
=3.3V
CC
t
&t
PLH
PHL
t
&t
PLH
PHL
V
=5V
CC
T =25°C,
15pFLoad
A
0
6
12
18
22
28
30
0
25
50
75
100
SignalingRate-Mbps
4
2
8
14
10
16
20
24
26
T =25°C,
15pFLoad
A
ISO7220x ICC2
ISO7220x ICC1
ISO7221x ICC1&2
0
2
4
6
8
10
12
14
16
18
20
0
25
50
75
100
SignalingRate-Mbps
T =25°C,
15pFLoad
A
ISO7220x ICC2
ISO7220x ICC1
ISO7221x ICC1&2
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
www.ti.com
6.16 Typical Characteristics
Figure 1. 3.3-V RMS Supply Current vs Signaling Rate
Figure 2. 5-V RMS Supply Current vs Signaling Rate
(Mbps)
(Mbps)
Figure 3. Propagation Delay vs Free-Air Temperature,
Figure 4. Propagation Delay vs Free-Air Temperature,
ISO722xA
ISO722xB
Figure 5. Propagation Delay vs Free-Air Temperature,
Figure 6. Propagation Delay vs Free-Air Temperature,
ISO722xC
ISO722xM
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com