Electronic Components Datasheet Search
  English  ▼

X  

ISO7520CDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7520CDWR
Description  Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7520CDWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO7520CDWR Datasheet HTML 1Page - Texas Instruments ISO7520CDWR Datasheet HTML 2Page - Texas Instruments ISO7520CDWR Datasheet HTML 3Page - Texas Instruments ISO7520CDWR Datasheet HTML 4Page - Texas Instruments ISO7520CDWR Datasheet HTML 5Page - Texas Instruments ISO7520CDWR Datasheet HTML 6Page - Texas Instruments ISO7520CDWR Datasheet HTML 7Page - Texas Instruments ISO7520CDWR Datasheet HTML 8Page - Texas Instruments ISO7520CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISO7520C, ISO7521C
www.ti.com
SLLSE39E – JUNE 2010 – REVISED MAY 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage - 3.3-V Operation
3.15
3.3
3.45
V
VCC1, VCC2
Supply voltage - 5-V Operation
4.75
5
5.25
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
VIH
High-level output voltage
2
5.25
V
VIL
Low-level output voltage
0
0.8
V
TA
Ambient temperature
-40
105
°C
TJ
(1)
Junction temperature
–40
136
°C
1/tui
Signaling rate
0
1
Mbps
tui
Input pulse duration
1
µs
(1)
To maintain the recommended operating conditions for TJ, see Thermal Information.
6.4 Thermal Information
ISO7520C, ISO7521C
THERMAL METRIC(1)
DW [SOIC]
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
79.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.6
°C/W
RθJB
Junction-to-board thermal resistance
51.2
°C/W
ψJT
Junction-to-top characterization parameter
18.0
°C/W
ψJB
Junction-to-board characterization parameter
42.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com