Electronic Components Datasheet Search
  English  ▼

X  

ISO7520CDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7520CDWR
Description  Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7520CDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7520CDWR Datasheet HTML 7Page - Texas Instruments ISO7520CDWR Datasheet HTML 8Page - Texas Instruments ISO7520CDWR Datasheet HTML 9Page - Texas Instruments ISO7520CDWR Datasheet HTML 10Page - Texas Instruments ISO7520CDWR Datasheet HTML 11Page - Texas Instruments ISO7520CDWR Datasheet HTML 12Page - Texas Instruments ISO7520CDWR Datasheet HTML 13Page - Texas Instruments ISO7520CDWR Datasheet HTML 14Page - Texas Instruments ISO7520CDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
OSC
PWM
VREF
VREF
Isolation barrier
LPF
Out
DCL
0
1
S
IN
Low-frequency
channel
(DC...100 kbps)
High-frequency
channel
(100 kbps...
1 Mbps)
ISO7520C, ISO7521C
www.ti.com
SLLSE39E – JUNE 2010 – REVISED MAY 2015
8 Detailed Description
8.1 Overview
The isolator in Figure 7 is based on a capacitive isolation barrier technique. The I/O channel of the device
consists of two internal data channels, a high-frequency channel (HF) with a bandwidth from 100 kbps up to 1
Mbps, and a low-frequency channel (LF) covering the range from 100 kbps down to DC. In principle, a single-
ended input signal entering the HF-channel is split into a differential signal through the inverter gate at the input.
The following capacitor-resistor networks differentiate the signal into transients, which then are converted into
differential pulses by two comparators. The comparator outputs drive a NOR-gate flip-flop whose output feeds an
output multiplexer. A decision logic (DCL) at the driving output of the flip-flop measures the durations between
signal transients. If the duration between two consecutive transients exceeds a certain time limit, (as in the case
of a low-frequency signal), the DCL forces the output-multiplexer to switch from the high- to the low frequency
channel. Because low-frequency input signals require the internal capacitors to assume prohibitively large
values, these signals are pulse-width modulated (PWM) with the carrier frequency of an internal oscillator, thus
creating a sufficiently high frequency signal, capable of passing the capacitive barrier. As the input is modulated,
a low-pass filter (LPF) is needed to remove the high-frequency carrier from the actual data before passing it on to
the output multiplexer.
8.2 Functional Block Diagram
Figure 7. Conceptual Block Diagram of a Digital Capacitive Isolator
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com