Electronic Components Datasheet Search
  English  ▼

X  

SPPH2 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH2
Description  1mm-travel Compact-sized Vertical Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH2 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPPH2_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH2_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPH2_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPH2_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
128
128
1mm-travel Compact-sized Vertical Type
SPPH2
ø0.9 hole
2.5
2.5
Thickness of PC board t=1.6mm
ø0.9 hole
2.5
2.5
Thickness of PC board t=1.6mm
6.5
6
2.5
2.5
0.5
Terminal No.1
Total travel
Travel
6
0.35
3.5
2-R0.5
3.5
2.5
1.8
2.5
1.8
(1.5)
0.7
2.3
2-R0.5
A
2.5 2.5
0.5
6.5
Travel
Total travel
Terminal No.1
6
2.5
1.8
2-R0.5
2-R0.5
0.7
2.3
0.35
6
3.5
2.5
1.8
(1.5)
3.5
A
3
No.
1
2
ø0.9 hole
2.5
2.5
Thickness of PC board t=1.6mm
ø0.9 hole
2.5
2.5
Straight terminal
Snap-in terminal
Dimensions
Unit:mm
Style
PC board mounting hole dimensions
(Viewed from the direction A)
Snap-in terminal
Snap-in terminal
6.5
2.5
2.5
0.5
6
6
0.35
3.5
3.5
A
2-R0.5
(1.5)
2.5
Terminal No.1
2.5
2.3
Travel
Total travel
1
2
3
4
5
6
Circuit Diagram(Viewed from Direction A)
t=0.5
3.5
0.35
t=0.5
3.5
R1
4.6
Straight
terminal
Snap-in
terminal
Terminal Configuration
Unit:mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com