Electronic Components Datasheet Search
  English  ▼

X  

SPPH2 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH2
Description  1mm-travel Compact-sized Vertical Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH2 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPPH2_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH2_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPH2_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPH2_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
114
114
List of Varieties
Push Switches
Series
Vertical
SPEH
SPEG
SPEJ
SPPH2
SPPH4
SPPH1
Photo
Dimensions
(mm)
W
6
7.19
7
6
6.5
10
D
6
8.39
7
6.5
8.5
10
H
5
3.5
5.95
6.5
8.5
Travel(mm)
—
—
1.7
1
2.2
1.5
Total travel(mm)
1.6
1.1
1.7
1.5
3
2.5
Number of poles
1
1
2
2
Operating
temperature range
−40℃ to +90℃
−10℃ to +60℃
−40℃ to +85℃
−10℃ to +60℃
Automotive use
●
—
●
—
—
●
Life cycle
Rating(max.)
(Resistive load)
50mA
16V DC
1mA
5V DC
0.2A
14V DC
0.1A
12V DC
0.1A 30V DC
Rating(min.)
(Resistive load)
10μA
1V DC
50μA
3V DC
—
50μA 3V DC
Durability
Operating life
without load
100,000 cycles
400mΩ max.
30,000 cycles
500mΩ max.
10,000 cycles
150mΩ max.
10,000 cycles
50mΩ max.
10,000 cycles
100mΩ max.
10,000 cycles
40mΩ max.
Operating life with load
(at max. rated load)
100,000 cycles
400mΩ max.
30,000 cycles
500mΩ max.
10,000 cycles
150mΩ max.
10,000 cycles
50mΩ max.
10,000 cycles
100mΩ max.
10,000 cycles
40mΩ max.
Electrical
performance
Initial contact
resistance
200mΩ max.
200mΩ max.
150mΩ max.
30mΩ max.
100mΩ max.
20mΩ max.
Insulation
resistance
100MΩ min.
100V DC
3MΩ min.
100V DC
100MΩ min.
500V DC
100MΩ min. 500V DC
Voltage proof
250V AC
for 1minute
100V AC for
1minute
500V AC for
1minute
500V AC for 1minute
Mechanical
performance
Terminal
strength
—
0.5N for 1minute
—
5N for 1minute
Actuator
strength
Operating
direction
50N
49N
30N
50N
Pulling
direction
—
—
—
—
10N
—
Environmental
performance
Cold
−40℃ 1,000h
−20℃ 96h
−40℃ 500h
−20℃ 96h
Dry heat
90℃ 1,000h
85℃ 96h
85℃ 500h
85℃ 96h
Damp heat
60℃, 90 to 95% RH
1,000h
40℃, 90 to 95% RH
96h
60℃, 90 to 95% RH
500h
40℃, 90 to 95%RH 96h
Page
124
125
126
127
129
130
Push Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 138
Push Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 139
Note
● Indicates applicability to all products in the series.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com