Electronic Components Datasheet Search
  English  ▼

X  

STGB10M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGB10M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 10 A low loss
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGB10M65DF2 Datasheet HTML 1Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 2Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 3Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 4Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 5Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 6Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 7Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 8Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
October 2015
DocID027429 Rev 5
1/20
This is information on a product in full production.
www.st.com
STGB10M65DF2
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
Datasheet - production data
Figure 1: Internal schematic diagram
Features
6 µs of short-circuit withstand time
VCE(sat) = 1.55 V (typ.) @ IC = 10 A
Tight parameter distribution
Safer paralleling
Low thermal resistance
Soft and very fast recovery antiparallel diode
Applications
Motor control
UPS
PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the M series of
IGBTs, which represents an optimum
compromise in performance to maximize the
efficiency of inverter systems where low loss and
short-circuit capability are essential. Furthermore,
a positive VCE(sat) temperature coefficient and tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGB10M65DF2
G10M65DF2
D²PAK
Tape and reel
1
3
TAB
D2PAK


Similar Part No. - STGB10M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10M65DF2 STMICROELECTRONICS-STGB10M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in D²PAK package
04-Apr-2017
STGB10M65DF2 STMICROELECTRONICS-STGB10M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in D²PAK package
04-Apr-2017
More results

Similar Description - STGB10M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGP10M65DF2 STMICROELECTRONICS-STGP10M65DF2 Datasheet
945Kb / 18P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
19-Oct-2015
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW10M65DF2 STMICROELECTRONICS-STGW10M65DF2 Datasheet
928Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
08-Mar-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com