Electronic Components Datasheet Search
  English  ▼

X  

STGB10M65DF2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGB10M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 10 A low loss
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10M65DF2 Datasheet(HTML) 5 Page - STMicroelectronics

  STGB10M65DF2 Datasheet HTML 1Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 2Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 3Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 4Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 5Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 6Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 7Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 8Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STGB10M65DF2
Electrical characteristics
DocID027429 Rev 5
5/20
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tf
Current fall
time
-
92
-
ns
Eon(1)
Turn-on
switching
losses
-
0.12
-
mJ
Eoff(2)
Turn-off
switching
losses
-
0.27
-
mJ
Ets
Total
switching
losses
-
0.39
-
mJ
td(on)
Turn-on delay
time
VCE = 400 V, IC = 10 A, VGE = 15 V,
RG = 22
Ω TJ = 175 °C (see Figure 29: "
Test circuit for inductive load switching" )
-
18
-
ns
tr
Current rise
time
-
9
-
ns
(di/dt)on
Turn-on
current slope
-
890
-
A/µs
td(off)
Turn-off-delay
time
-
90
-
ns
tf
Current fall
time
-
170
-
ns
Eon
Turn-on
switching
losses
-
0.26
-
mJ
Eoff
Turn-off
switching
losses
-
0.4
-
mJ
Ets
Total
switching
losses
-
0.66
-
mJ
tsc
Short-circuit
withstand time
VCC
≤ 400 V, VGE = 15 V, TJstart = 150 °C
6
-
µs
Notes:
(1)Energy losses include reverse recovery of the diode.
(2)Turn-off losses also include the tail of the collector current.
Table 7: Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
IF = 10 A, VR = 400 V, VGE = 15 V
(see Figure 29: " Test circuit for
inductive load switching")
di/dt = 1000 A/µs
-
96
ns
Qrr
Reverse recovery
charge
-
373
nC
Irrm
Reverse recovery
current
-
13
A
dIrr/dt
Peak rate of fall of
reverse recovery
current during tb
-
661
A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com