Electronic Components Datasheet Search
  English  ▼

X  

SPVQ7 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ7
Description  Water-proof Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ7 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ7 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ7 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ7 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQ7 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
14
14
List of Varieties
Detector Switches
Series
Water-proof Type
SPVQ1
SPVQ3
SPVQ4H
SPVQ6
SPVQ7
Photo
Operation type
One-way
Two-way
Two-way
One-way
Two-way
Two-way
Dimensions
(mm)
W
13.3
13
19
13.3
14.7
D
5.8
6
5.3
5.4
H
8
8.35
11.9
7
6.7
Operating temperature range
−40℃ to +85℃
Automotive use
●
●
●
●
●
Life cycle (availability)
Poles / Positions
1/2
1/1
1/2
1/2
1/1
1/2
Rating(max.)
(Resistive load)
0.1A 12V DC
0.1A 12V DC or
0.3A 16V DC
0.1A 12V DC
Rating(min.)
(Resistive load)
50μA 3V DC
50μA 5V DC or
1mA 5V DC
1mA 5V DC
50μA 5V DC
Durability
Operating life
without load
300,000cycles
1Ω max.
300,000cycles or
1,200,000cycles
1Ω max.
300,000cycles
1Ω max.
Operating life
with load
Rating(max.)
(Resistive load)
300,000cycles
1Ω max.
300,000cycles
or 1,200,000cycles
1Ω max.
300,000cycles
1Ω max.
Electrical
performance
Initial contact
resistance
500mΩ max.
Insulation
resistance
100MΩ min. 500V DC
Voltage proof
500V AC for 1minute
Mechanical
performance
Terminal
strength
3N for 1minute (with terminal)
Wire strength 30N for 1minute (with wire)
Wire strengh
30N for1 minute
3N for 1minute
Actuator
strength
20N
Environmental
performance
Cold
−40℃ 500h
Dry heat
85℃ 500h
Damp heat
60℃, 90 to 95% RH 500h
Operation force
2N max.
5.9N max.
1±0.5N
3N max.
3N max.
1±0.5N
3N max.
1±0.5N
Page
46
50
55
56
58
Detector Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 71
Detector Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 72
Note
●
Indicates applicability to all products in the series.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com