Electronic Components Datasheet Search
  English  ▼

X  

SPVQ7 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ7
Description  Water-proof Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ7 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ7 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ7 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ7 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQ7 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
58
58
Slim type with body height of 6.7mm
Water-proof Type
SPVQ7
Unit:mm
Dimensions
Style
Style
No.
No.
1
2
ø2.2
3.1
ø2.7
12.13
12.2
9.53
1.7
ø2
0.4
Terminal No.③
Terminal No.①
Free position
14.7
Terminal No.②
2.27
5.08
3-0.6
5.08
Total travel position
Terminal No.①-③ OFF starting point
Terminal No.①-② ON starting point
ø2.2
ø2.7
3.1
0.4
1.7
ø2
Terminal No.③
Terminal No.①
Free position
Terminal No.①-③ OFF starting point
Terminal No.①-② ON starting point
12.13
9.53
12.2
Total travel position
Terminal No.②
14.7
3-0.6
2.27
5.08
5.08 5.08
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 50μA 5V DC
Contact resistance
(Initial/After operating life)
500mΩ max. / 1Ω max.
Operating force
1±0.5N
Operating life
Without load
300,000cycles
With load
300,000cycles(0.1A 12V DC)
Product Line
Product No.
For PC board
For Lead
For Lead
(hole type)
Terminal type
Main body
form
Push
Operating part
shape
Non shorting
Change over
timing
SPVQ710100
SPVQ710200
SPVQ630100
1
2
3
7
4
5
9
6
8
10
Drawing
No.
Boss - left side
Boss - right side
Boss - left side
Boss - left side
Boss - right side
Boss - right side
Minimum order unit(pcs)
Japan
Export
1,350
5,400
Poles
1
2
1
2
Positions
SPVQ710400
SPVQ740200
Boss - left side
Boss - left side
SPVQ740300
SPVQ740500
Boss - right side
Boss - right side
SPVQ740400
SPVQ740600
SPVQ710300
SPVQ740100
This unit cannot be used in water (IP67 rating, except for terminal).
Note
Refer to P.71 for soldering conditions.
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
1,350
5,400
540×360×270


Similar Part No. - SPVQ7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
941Kb / 6P
Water-proof Type
SPVQ111400 ALPS-SPVQ111400 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111500 ALPS-SPVQ111500 Datasheet
225Kb / 5P
Water-proof Type
More results

Similar Description - SPVQ7

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
Water-proof Type
SPVQ8 ALPS-SPVQ8 Datasheet
1Mb / 7P
Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
Water-proof Type
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
Water-proof Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com