Electronic Components Datasheet Search
  English  ▼

X  

SPVQA Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQA
Description  Water-proof Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQA Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SPVQA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQA Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQA Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQA Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVQA Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
15
15
Series
Water-proof Type
SPVQ8
SPVQ9
SPVQA
SPVQC
SSCN
Photo
Operation type
Two-way
Dimensions
(mm)
W
8.3
15.4
15.2
15.4
13
D
5.3
8.4
6.4
7.4
5
H
6.5
7.5
7.95
7.5
15
Operating temperature range
−40℃ to +85℃
Automotive use
●
●
●
●
●
Life cycle (availability)
Poles / Positions
1/1
2/2
1/1
1/2
2/2
1/2
Rating(max.)
(Resistive load)
0.1A 12V DC
50mA 26V DC
0.1A 12V DC
50mA 18V DC
0.1A 12V DC
Rating(min.)
(Resistive load)
50μA 5V DC
100μA 5V DC
Durability
Operating life
without load
300,000cycles
1Ω max. or
1,000,000cycles
3Ω max.
300,000cycles
200mΩ max.
300,000cycles
1Ω max.
300,000cycles
200mΩ max.
100,000cycles
1Ω max.
Operating life
with load
Rating(max.)
(Resistive load)
300,000cycles
1Ω max. or
1,000,000cycles
3Ω max.
300,000cycles
200mΩ max.
300,000cycles
1Ω max.
300,000cycles
200mΩ max.
100,000cycles
1Ω max.
Electrical
performance
Initial contact
resistance
500mΩ max.
75mΩ max.
500mΩ max.
75mΩ max.
500mΩ max.
Insulation
resistance
100MΩ min. 500V DC
100MΩ min. 250V DC 100MΩ min. 500V DC
Voltage proof
500V AC for 1minute
250V AC
for 1minute
500V AC
for 1minute
Mechanical
performance
Terminal
strength
3N for 1minute (with terminal)
Wire strength 30N for 1minute
(with wire)
3N for 1minute
Actuator
strength
20N
10N
Environmental
performance
Cold
−40℃ 500h
Dry heat
85℃ 500h
Damp heat
60℃, 90 to 95% RH 500h
Operation force
1±0.5N
2N max.
Page
60
65
66
69
70
Detector Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 71
Detector Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 72
Note
●
Indicates applicability to all products in the series.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com